Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5208M Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5208M
Description  1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5208M Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-5208M Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-5208M Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5208M Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5208M Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5208M Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5208M Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-5208M Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-5208M Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-5208M Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Regulatory Compliance - Targeted Specifications
Feature
Test Method
Performance
Electrostatic Discharge (ESD) MIL-STD-883C
Method 3015.4
Min 2000 V
Machine Model
JEDEC
JESD22-A115-A
Min 100 V
RAD
IEC-61000-4-2
Products of this design typically withstand 25 kV without damage.
Electromagnetic Interference
(EMI)
FCC Class B
CENELEC EN55022
Class B (CISPR 22B)
VCCI Class 2
Margins are dependant on customer board and chassis design.
Immunity
Variation of IEC 801-3
Typically show no measurable effect from a 10 V/m field swept from 26
to 1000 MHz applied to the transceiver when mounted to a circuit card
without a chassis enclosure.
QFBR-5322
Transmitter is
Device is
The HFBR-5208M LED and the HFCT-5208M Laser transmitters are classified as IEC 825-1 Accessible Emission
Limit (AEL) Class 1. AEL Class 1 LED/Laser devices are considered eye safe.
Eye Safety
The HFCT-5208M transceiver is classified as AEL Class I (U.S.
21 CFR(J) and AEL Class 1 per EN 60825-1 (+A11). It is eye
safe when used within the data sheet limits per CDRH. It is
also eye safe under normal operating conditions and under
all reasonably foreseeable single fault conditions per
EN60825-1. Avago Technolgies has tested the transceiver
design for compliance with the requirements listed below
under normal operating conditions and under single fault
conditions where applicable. TUV Rheinland has granted
certification to this transceiver for laser eye safety and use
in EN 60950 and EN 60825-2 applications.


Similar Part No. - HFBR-5208M

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5208M HP-HFBR-5208M Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5208MZ AVAGO-HFBR-5208MZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
More results

Similar Description - HFBR-5208M

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5208XXXZ AVAGO-HFBR-5208XXXZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFBR-5208M HP-HFBR-5208M Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
   1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
   622/155 Mb/s SONET/SDH MDFP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com