Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PB709BSL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PB709BSL
Description  50 V, 200 mA PNP general-purpose transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709BSL Datasheet(HTML) 2 Page - NXP Semiconductors

  2PB709BSL Datasheet HTML 1Page - NXP Semiconductors 2PB709BSL Datasheet HTML 2Page - NXP Semiconductors 2PB709BSL Datasheet HTML 3Page - NXP Semiconductors 2PB709BSL Datasheet HTML 4Page - NXP Semiconductors 2PB709BSL Datasheet HTML 5Page - NXP Semiconductors 2PB709BSL Datasheet HTML 6Page - NXP Semiconductors 2PB709BSL Datasheet HTML 7Page - NXP Semiconductors 2PB709BSL Datasheet HTML 8Page - NXP Semiconductors 2PB709BSL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2PB709BRL_2PB709BSL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 28 June 2010
2 of 13
NXP Semiconductors
2PB709BRL; 2PB709BSL
50 V, 200 mA PNP general-purpose transistors
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1base
2emitter
3
collector
12
3
sym013
3
2
1
Table 4.
Ordering information
Type number
Package
Name
Description
Version
2PB709BRL
-
plastic surface-mounted package; 3 leads
SOT23
2PB709BSL
Table 5.
Marking codes
Type number
Marking code[1]
2PB709BRL
MN*
2PB709BSL
MP*
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
−60
V
VCEO
collector-emitter voltage
open base
-
−50
V
VEBO
emitter-base voltage
open collector
-
−6V
IC
collector current
-
−200
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−250
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-
−200
mA


Similar Part No. - 2PB709BSL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PB709BSL NEXPERIA-2PB709BSL Datasheet
971Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
More results

Similar Description - 2PB709BSL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PB709BRL NEXPERIA-2PB709BRL Datasheet
971Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
logo
NXP Semiconductors
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PB710AXL NEXPERIA-2PB710AXL Datasheet
615Kb / 9P
   50 V, 500 mA PNP general-purpose transistors
Rev. 01 - 29 October 2008
2PB710ASL-Q NEXPERIA-2PB710ASL-Q Datasheet
183Kb / 8P
   50 V, 500 mA PNP general-purpose transistors
3 January 2022
logo
NXP Semiconductors
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
   50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
PMBT3906YS NXP-PMBT3906YS Datasheet
97Kb / 12P
   40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02-13 May 2009
logo
Nexperia B.V. All right...
PMBT3906YS NEXPERIA-PMBT3906YS Datasheet
212Kb / 13P
   40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02 - 13 May 2009
logo
NXP Semiconductors
BC807-40.215 NXP-BC807-40.215 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807W-Q_SER NEXPERIA-BC807W-Q_SER Datasheet
308Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com