Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRN78VXX-1000 Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRN78VXX-1000
Description  VERYWIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUTSIP3DC/DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRN78VXX-1000 Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRN78VXX-1000 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRN78VXX-1000 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRN78VXX-1000 Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WRN78VXX-1000
WRN78VXX-1000
WRN78VXX-1000
WRN78VXX-1000
WRN78VXX-1000
WRN78VXX-1000
WRN78VXX-1000
WRN78VXX-1000 Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
Package
Package
Package
Package
Package
Package
Package
Package Style
Style
Style
Style
Style
Style
Style
Style and
and
and
and
and
and
and
and Pinning
Pinning
Pinning
Pinning
Pinning
Pinning
Pinning
Pinning (mm)
(mm)
(mm)
(mm)
(mm)
(mm)
(mm)
(mm)
Note:
Unit:mm[inch]
Pin section tolerances:±0.10mm[±0.004inch]
General tolerances:±0.25mm[±0.010inch]
Recommended
Recommended
Recommended
Recommended Footprint
Footprint
Footprint
Footprint
Note:grid 2.54*mm
Tube
Tube
Tube
Tube Outline
Outline
Outline
Outline Dimensions
Dimensions
Dimensions
Dimensions
Note:
Unit:mm[inch]
General tolerances:±0.50mm:[0.020inch]
L=530mm[20.866inch] Packaging quantity:43 pcs
L=220mm[8.661inch] Packaging quantity:17 pcs
Short tube inner packaging dimensions:L*W*H=255*170*80mm
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions:L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes):
L*W*H=600*215*220mm;
Short tube outer packaging dimensions(with three inner packaging
boxes):
L*W*H=600*215*325mm;
FOOTPRINT
DETAILS
Pin
Function
1
+Vin
2
GND
3
+Vout
xx.x ±0.5mm
xx.xx ±0.25mm
Pin Connections


Similar Part No. - WRN78VXX-1000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78-500 MICRODC-WRN78-500 Datasheet
378Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATEDSINGLEOUTPUTSIP3DC/DCCONVERTER
WRN7803-1000 MICRODC-WRN7803-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN7803-1500 MICRODC-WRN7803-1500 Datasheet
785Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN7803-1500B MICRODC-WRN7803-1500B Datasheet
785Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN7803-2000 MICRODC-WRN7803-2000 Datasheet
772Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
More results

Similar Description - WRN78VXX-1000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78-500 MICRODC-WRN78-500 Datasheet
378Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATEDSINGLEOUTPUTSIP3DC/DCCONVERTER
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
MD-XD-6W MICRODC-MD-XD-6W Datasheet
930Kb / 3P
   6W, FIXEDINPUT ISOLATED & REGULATED TWINOUTPUTDIP24 DC-DCCONVERTER
logo
Volgen Kaga Electronics...
PM-1000B033 VOLGEN-PM-1000B033 Datasheet
80Kb / 2P
   Non Isolated & Regulated
logo
Microdc power Technolog...
WRA-YMD-10W MICRODC-WRA-YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
logo
Volgen Kaga Electronics...
PM-500A33 VOLGEN-PM-500A33 Datasheet
84Kb / 2P
   Non Isolated & Regulated
logo
Microdc power Technolog...
WRA-YT-2W MICRODC-WRA-YT-2W Datasheet
393Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC/DCCONVERTER
WRB-YD-30W MICRODC-WRB-YD-30W Datasheet
1Mb / 3P
   30W,WIDE INPUT, DIPPACKAGE,ISOLATED®ULATED SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com