Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11D4S Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # H11D4S
Description  HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11D4S Datasheet(HTML) 6 Page - Fairchild Semiconductor

  H11D4S Datasheet HTML 1Page - Fairchild Semiconductor H11D4S Datasheet HTML 2Page - Fairchild Semiconductor H11D4S Datasheet HTML 3Page - Fairchild Semiconductor H11D4S Datasheet HTML 4Page - Fairchild Semiconductor H11D4S Datasheet HTML 5Page - Fairchild Semiconductor H11D4S Datasheet HTML 6Page - Fairchild Semiconductor H11D4S Datasheet HTML 7Page - Fairchild Semiconductor H11D4S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
S
.S
Surface Mount Lead Bend
SD
.SD
Surface Mount; Tape and reel
W
.W
0.4” Lead Spacing
300
.300
VDE 0884
300W
.300W
VDE 0884, 0.4” Lead Spacing
3S
.3S
VDE 0884, Surface Mount
3SD
.3SD
VDE 0884, Surface Mount, Tape & Reel
Option
Order Entry Identifier
Description
4.0 ± 0.1
Ø1.55 ± 0.05
User Direction of Feed
4.0 ± 0.1
1.75 ± 0.10
7.5 ± 0.1
16.0 ± 0.3
12.0 ± 0.1
0.30 ± 0.05
13.2 ± 0.2
4.85 ± 0.20
0.1 MAX
10.30 ± 0.20
9.55 ± 0.20
Ø1.6 ± 0.1
QT Carrier Tape Specifications (“D” Taping Orientation)
ORDERING INFORMATION
NOTE
All dimensions are in millimeters
8/9/00
200046A
H11D1, H11D2, H11D3, H11D4, 4N38
HIGH VOLTAGE
PHOTOTRANSISTOR OPTOCOUPLERS


Similar Part No. - H11D4S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
H11D4 VISHAY-H11D4 Datasheet
120Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCER Voltage
Rev. 1.5, 19-Nov-07
logo
ISOCOM COMPONENTS
H11D4 ISOCOM-H11D4 Datasheet
78Kb / 3P
   HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
H11D4X ISOCOM-H11D4X Datasheet
78Kb / 3P
   HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - H11D4S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2M FAIRCHILD-H11D1SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1M FAIRCHILD-H11D1M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SM FAIRCHILD-H11D1SM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2VM FAIRCHILD-H11D1SR2VM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com