Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8J-E4-51 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KBU8J-E4-51
Description  Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBU8J-E4-51 Datasheet(HTML) 2 Page - Vishay Siliconix

  KBU8J-E4-51 Datasheet HTML 1Page - Vishay Siliconix KBU8J-E4-51 Datasheet HTML 2Page - Vishay Siliconix KBU8J-E4-51 Datasheet HTML 3Page - Vishay Siliconix KBU8J-E4-51 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBU8A thru KBU8M
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88658
Revision: 15-Apr-08
2
Notes:
(1) Units mounted in free air, no heatsink, P.C.B. at 0.375" (9.5 mm) lead length with 0.5 x 0.5" (12 x 12 mm) copper pads
(2) Units mounted on a 3.0 x 3.0" x 0.11" thick (7.5 x 7.5 x 0.3 cm) aluminum plate heatsink
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
KBU8A KBU8B KBU8D KBU8G
KBU8J
KBU8K KBU8M
UNIT
Maximum instantaneous
forward drop per diode
8.0 A
VF
1.0
V
Maximum DC reverse
current at rated DC blocking
voltage per diode
TA = 25 °C
TA = 125 °C
IR
10
1.0
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
KBU8A KBU8B KBU8D KBU8G
KBU8J
KBU8K KBU8M
UNIT
Typical thermal resistance
RθJA
RθJC
18 (2)
3.0 (3)
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
KBU8J-E4/51
8.0
51
250
Anti-static PVC tray
Figure 1. Derating Curve Output Rectified Current
0
50
100
150
0
2
4
6
8
Heatsink Mounting,
T
C, 3.0 x 3.0 x 12" Thk.
Al. Plate (7.5 x 0.3 cm)
P.C.B. Mounting, T
A
0.375" (9.5 mm) Lead Length
0.5 x 0.5" (12 x 12 mm) Copper Pads
60 Hz Resistive or Inductive Load
Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
1
10
100
0
50
100
150
200
250
300
T
J = 150 °C
Single Sine-Wave
Number of Cycles at 60 Hz
1.0 Cycle


Similar Part No. - KBU8J-E4-51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KBU8J-E4/51 VISHAY-KBU8J-E4/51 Datasheet
100Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
KBU8J-E4/51 VISHAY-KBU8J-E4/51 Datasheet
64Kb / 3P
   Single-Phase Bridge Rectifier
Revision: 14-May-14
More results

Similar Description - KBU8J-E4-51

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com