Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8J-E4-51 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # KBU8J-E4-51
Description  Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBU8J-E4-51 Datasheet(HTML) 3 Page - Vishay Siliconix

  KBU8J-E4-51 Datasheet HTML 1Page - Vishay Siliconix KBU8J-E4-51 Datasheet HTML 2Page - Vishay Siliconix KBU8J-E4-51 Datasheet HTML 3Page - Vishay Siliconix KBU8J-E4-51 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBU8A thru KBU8M
Vishay General Semiconductor
Document Number: 88658
Revision: 15-Apr-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 4. Typical Reverse Leakage Characteristics Per Diode
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.1
1
10
100
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
0
20
40
60
80
100
0.01
0.1
1
10
100
T
J = 100 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
Figure 5. Typical Junction Capacitance Per Diode
1
10
100
10
100
1000
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.160 (4.1)
0.065 (1.7)
0.185 (4.7)
0.895 (22.7)
0.935 (23.7)
0.140 (3.6)
0.165 (4.2)
0.085(2.2)
0.240 (6.09)
0.200 (5.08)
0.220 (5.6)
0.180 (4.6)
0.075 (1.9) R TYP. (2 Places)
45°
0.205 (5.2)
0.185 (4.7)
0.052 (1.3)
0.048 (1.2)
0.280 (7.1)
0.260 (6.6)
DIA.
0.760
(19.3)
MAX.
0.700
(17.8)
0.660
(16.8)
1.0
(25.4)
MIN.
0.455 (11.3)
0.405 (10.3)
Case Style KBU


Similar Part No. - KBU8J-E4-51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KBU8J-E4/51 VISHAY-KBU8J-E4/51 Datasheet
100Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
KBU8J-E4/51 VISHAY-KBU8J-E4/51 Datasheet
64Kb / 3P
   Single-Phase Bridge Rectifier
Revision: 14-May-14
More results

Similar Description - KBU8J-E4-51

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com