Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-N107 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-N107
Description  Low Current Seven Segment Displays Low Power Consumption
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-N107 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-N107 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-N107 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-N107 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-N107 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-N107 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-N107 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-N107 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-N107 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-N107 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Devices
AlGaAs
HER
Yellow
Green
Package
HDSP-
HDSP-
HDSP-
HDSP-
Description
Drawing
A101
7511
A801
A901
7.6 mm Common Anode Right Hand Decimal
A
A103
7513
A803
A903
7.6 mm Common Cathode Right Hand Decimal
B
A107
7517
A807
A907
7.6 mm Common Anode ±1. Overflow
C
A108
7518
A808
A908
7.6 mm Common Cathode ±1. Overflow
D
F101
10 mm Common Anode Right Hand Decimal
E
F103
10 mm Common Cathode Right Hand Decimal
F
F107
10 mm Common Anode ±1. Overflow
G
F108
10 mm Common Cathode ±1. Overflow
H
G101
10 mm Two Digit Common Anode Right Hand Decimal
X
G103
10 mm Two Digit Common Cathode Right Hand Decimal
Y
E100
3350
10.9 mm Common Anode Left Hand Decimal
I
E101
3351
10.9 mm Common Anode Right Hand Decimal
J
E103
3353
10.9 mm Common Cathode Right Hand Decimal
K
E106
3356
10.9 mm Universal ±1. Overflow[1]
L
H101
5551
14.2 mm Common Anode Right Hand Decimal
M
H103
5553
14.2 mm Common Cathode Right Hand Decimal
N
H107
5557
14.2 mm Common Anode ±1. Overflow
O
H108
5558
14.2 mm Common Cathode ±1. Overflow
P
K121
K701
14.2 mm Two Digit Common Anode Right Hand Decimal
R
K123
K703
14.2 mm Two Digit Common Cathode Right Hand Decimal
S
N100
20 mm Common Anode Left Hand Decimal
Q
N101
20 mm Common Anode Right Hand Decimal
T
N103
20 mm Common Cathode Right Hand Decimal
U
N105
20 mm Common Cathode Left Hand Decimal
V
N106
20 mm Universal ±1. Overflow[1]
W
Note:
1. Universal pinout brings the anode and cathode of each segment’s LED out to separate pins. See internal diagrams L or W.


Similar Part No. - HDSP-N107

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-N100-00000 HP-HDSP-N100-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
HDSP-N100-0A000 HP-HDSP-N100-0A000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
HDSP-N100-0B000 HP-HDSP-N100-0B000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
HDSP-N100-0C000 HP-HDSP-N100-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
HDSP-N100-0D000 HP-HDSP-N100-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results

Similar Description - HDSP-N107

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-H103 HP-HDSP-H103 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com