Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11G3SD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # H11G3SD
Description  HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11G3SD Datasheet(HTML) 6 Page - Fairchild Semiconductor

  H11G3SD Datasheet HTML 1Page - Fairchild Semiconductor H11G3SD Datasheet HTML 2Page - Fairchild Semiconductor H11G3SD Datasheet HTML 3Page - Fairchild Semiconductor H11G3SD Datasheet HTML 4Page - Fairchild Semiconductor H11G3SD Datasheet HTML 5Page - Fairchild Semiconductor H11G3SD Datasheet HTML 6Page - Fairchild Semiconductor H11G3SD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MARKING INFORMATION
Reflow Profile (Black Package, No Suffix)
H11G1
V XX YY K
1
2
6
4
3
5
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
Two digit year code, e.g., ‘03’
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
• Peak reflow temperature: 225
°C (package surface temperature)
• Time of temperature higher than 183
°C for 60–150 seconds
• One time soldering reflow is recommended
215
°C, 10–30 s
225 C peak
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183
°C, 60–150 sec
Ramp up = 3C/sec


Similar Part No. - H11G3SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11G3 MOTOROLA-H11G3 Datasheet
300Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(On-Chip Resistors)
logo
List of Unclassifed Man...
H11G3 ETC1-H11G3 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
ISOCOM COMPONENTS
H11G3 ISOCOM-H11G3 Datasheet
56Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11G3 ISOCOM-H11G3 Datasheet
76Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
logo
Fairchild Semiconductor
H11G3M FAIRCHILD-H11G3M Datasheet
139Kb / 8P
   High Voltage Photodarlington Optocouplers
More results

Similar Description - H11G3SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
   High Voltage Photodarlington Optocouplers
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
ON Semiconductor
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
logo
QT Optoelectronics
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com