Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMC0402X5R105K10TRPF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NMC0402X5R105K10TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC0402X5R105K10TRPF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NMC0402X5R105K10TRPF Datasheet HTML 1Page - NIC-Components Corp. NMC0402X5R105K10TRPF Datasheet HTML 2Page - NIC-Components Corp. NMC0402X5R105K10TRPF Datasheet HTML 3Page - NIC-Components Corp. NMC0402X5R105K10TRPF Datasheet HTML 4Page - NIC-Components Corp. NMC0402X5R105K10TRPF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Y5V HIGH CV CAPACITOR VALUES AND SIZES (mm)
EIA Case Size
0402
0603
0805
Length (L)
1.0 ± 0.05
1.6 ± 0.15
2.0 ± 0.2
Width (W)
0.5 ± 0.05
0.8 ± 0.15
1.25 ± 0.2
Thickness max. (T)
0.6
1.0
1.45
Termination Width (P)
0.1 ~ 0.3
0.1 ~ 0.65
0.25 ~ 0.75
Capacitance
Working Voltage (Vdc)
6.3
10
6.3
10
16
25
6.3
10
16
25
50
1.0
μF
20% 12.5%
16%
16%
9%
16%
12.5%
9%
9%
9%
1.5
μF
16%
12.5%
9%
2.2
μF
20%
16%
16%
16%
12.5%
9%
9%
3.3
μF
16%
12.5%
9%
4.7
μF
20%
12.5%
16%
12.5%
12.5%
6.8
μF
16%
10
μF
20%
30%
22
μF
20%
*2.5mm maximum thickness
Y5V HIGH CV CAPACITOR VALUES AND SIZES (mm)
EIA Case Size
1206
1210
1812
Length (L)
3.2±0.2
3.2±0.2
4.5±0.4
Width (W)
1.6±0.2
2.5±0.2
3.2±0.3
Thickness max. (T)
1.90
2.2
2.8
Termination Width (P)
0.25 ~ 0.85
0.25 ~ 1.0
0.25 ~ 1.5
Capacitance
Working Voltage (Vdc)
6.3
10
16
25
35
50
6.3
10
16
25
35
50
6.3
10
16
25
50
1.0
μF
12.5% 12.5% 7%
7%
12.5% 12.5%
9%
7%
12.5% 9%
5%
5%
1.5
μF
12.5% 12.5% 9%
12.5% 12.5%
9%
12.5% 9%
5%
5%
2.2
μF
12.5% 12.5% 9%
9%
12.5% 12.5%
9%
7%
12.5% 9%
5%
5%
3.3
μF
12.5% 12.5% 9%
12.5% 12.5%
9%
12.5% 9%
5%
5%
4.7
μF
12.5% 12.5% 9%
7%
20% 12.5% 12.5%
9%
7%
12.5% 9%
5%
5%
6.8
μF
16%
12.5%
12.5% 12.5%
9%
12.5% 9%
5%
5%
10
μF
20%
16%
12.5% 9%
9%
16%
12.5%
9%
7%
12.5% 9%
5%
5%
22
μF
20%
16%
20%
16%
16%
5%
33
μF
47
μF
20%
16%
16%
9%
100
μF
20%*
20%
16%
*2.8mm maximum thickness
NMC High CV Series
Multilayer Ceramic Chip Capacitors
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
P
P
L
W
T
100% Sn over Ni barrier
Percentages in the table represent the dissipation factor for that value.
Percentages in the table represent the dissipation factor for that value.


Similar Part No. - NMC0402X5R105K10TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC0402X5R105K10TRPF NIC-NMC0402X5R105K10TRPF Datasheet
157Kb / 11P
   Multilayer Ceramic Chip Capacitors
NMC0402X5R105K10TRPF NIC-NMC0402X5R105K10TRPF Datasheet
157Kb / 11P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC0402X5R105K10TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com