Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIN-ND27NKTRF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NIN-ND27NKTRF
Description  Molded Chip Wirewound Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-ND27NKTRF Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NIN-ND27NKTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-ND27NKTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-ND27NKTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-ND27NKTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-ND27NKTRF Datasheet HTML 9Page - NIC-Components Corp. NIN-ND27NKTRF Datasheet HTML 10Page - NIC-Components Corp. NIN-ND27NKTRF Datasheet HTML 11Page - NIC-Components Corp. NIN-ND27NKTRF Datasheet HTML 12Page - NIC-Components Corp. NIN-ND27NKTRF Datasheet HTML 13Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Molded Chip Wirewound Inductors
NIN-PA SERIES
A SIZE (1210)
HIGH CURRENT TYPE
For Quality Factor (Q) and Inductance (L)
over Frequency curves
see www.RFpassives.com
NIN Series
NIC
P/N
'L'
Inductance
(
μH)
Tolerance
'Q'
Factor
(min.)
L & Q
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
(std)
(opt)
NIN-PA1R0MTRF
1.0
±20% (M)
- - -
7
7.96 MHz
150
0.15
600
NIN-PA1R5MTRF
1.5
±20% (M)
- - -
7
7.96 MHz
110
0.18
550
NIN-PA2R2MTRF
2.2
±20% (M)
- - -
7
7.96 MHz
80
0.23
500
NIN-PA3R3MTRF
3.3
±20% (M)
- - -
7
7.96 MHz
56
0.28
400
NIN-PA4R7MTRF
4.7
±20% (M)
- - -
7
7.96 MHz
46
0.34
350
NIN-PA6R8MTRF
6.8
±20% (M)
- - -
7
7.96 MHz
38
0.42
300
NIN-PA100KTRF
10
±10% (K)
- - -
15
2.52 MHz
23
0.50
240
NIN-PA120KTRF
12
±10% (K)
- - -
15
2.52 MHz
21
0.60
230
NIN-PA150KTRF
15
±10% (K)
- - -
15
2.52 MHz
18
0.74
220
NIN-PA180KTRF
18
±10% (K)
- - -
15
2.52 MHz
17
0.90
205
NIN-PA220KTRF
22
±10% (K)
- - -
15
2.52 MHz
15
1.15
185
NIN-PA270KTRF
27
±10% (K)
- - -
15
2.52 MHz
13
1.45
165
NIN-PA330KTRF
33
±10% (K)
- - -
15
2.52 MHz
12
1.65
155
NIN-PA390KTRF
39
±10% (K)
- - -
15
2.52 MHz
11
1.90
145
NIN-PA470KTRF
47
±10% (K)
- - -
15
2.52 MHz
9.5
2.25
135
NIN-PA560KTRF
56
±10% (K)
- - -
15
2.52 MHz
8.5
3.30
110
NIN-PA680KTRF
68
±10% (K)
- - -
15
2.52 MHz
7.5
3.70
105
NIN-PA820KTRF
82
±10% (K)
- - -
15
2.52 MHz
7.0
4.20
100
NIN-PA101KTRF
100
±10% (K)
- - -
20
0.796 MHz
6.5
5.00
90
NIN-PA121KTRF
120
±10% (K)
- - -
20
0.796 MHz
6.0
7.00
75
NIN-PA151KTRF
150
±10% (K)
- - -
20
0.796 MHz
5.5
8.00
70
NIN-PA181KTRF
180
±10% (K)
- - -
20
0.796 MHz
5.0
9.50
65
NIN-PA221KTRF
220
±10% (K)
- - -
20
0.796 MHz
4.0
11.0
60
NIN-PA271KTRF
270
±10% (K)
- - -
20
0.796 MHz
3.5
14.5
55
NIN-PA331KTRF
330
±10% (K)
- - -
20
0.796 MHz
3.0
16.0
50
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.


Similar Part No. - NIN-ND27NKTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-NAR47JTRF NIC-NIN-NAR47JTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NAR47KTRF NIC-NIN-NAR47KTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NAR47MTRF NIC-NIN-NAR47MTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NCR47JTRF NIC-NIN-NCR47JTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NCR47KTRF NIC-NIN-NCR47KTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
More results

Similar Description - NIN-ND27NKTRF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com