Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACZ220M10V4X6.3TR13F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NACZ220M10V4X6.3TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACZ220M10V4X6.3TR13F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NACZ220M10V4X6.3TR13F Datasheet HTML 1Page - NIC-Components Corp. NACZ220M10V4X6.3TR13F Datasheet HTML 2Page - NIC-Components Corp. NACZ220M10V4X6.3TR13F Datasheet HTML 3Page - NIC-Components Corp. NACZ220M10V4X6.3TR13F Datasheet HTML 4Page - NIC-Components Corp. NACZ220M10V4X6.3TR13F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number*
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C, 100KHz
Max. Impedance (
Ω)
+20°C, 100KHz
Load Life Hours
@ +105°C
NACZ680M35V6.3X8TR13F
68
35
0.12
280
0.34
1,000
NACZ101M35V8X10.5TR13F
100
0.14
450
0.17
2,000
NACZ151M35V8X10.5TR13F
150
0.14
450
0.17
2,000
NACZ151M35V10X8TR13F
NACZ221M35V8X10.5TR13F
220
0.14
450
0.17
2,000
NACZ331M35V10X10.5TR13F
330
0.14
670
0.09
2,000
NACZ471M35V12.5X14TR15F
470
0.14
900
0.066
2,000
NACZ681M35V12.5X14TR15F
680
0.14
900
0.066
2,000
NACZ152M35V16X17TR15F
1500
0.14
1250
0.052
2,000
NACZ4R7M50V4X6.3TR13F
4.7
50
0.10
60
2.90
1,000
NACZ100M50V6.3X6.3TR13F
10
0.10
165
0.88
1,000
NACZ220M50V6.3X6.3TR13F
22
0.10
165
0.88
1,000
NACZ330M50V6.3X8TR13F
33
0.10
195
0.75
1,000
NACZ470M50V6.3X8TR13F
47
0.10
195
0.75
1,000
NACZ680M50V8X10.5TR13F
68
0.14
300
0.40
2,000
NACZ101M50V8X10.5TR13F
100
0.14
300
0.40
2,000
NACZ151M50V10X10.5TR13F
150
0.14
450
0.22
2,000
NACZ221M50V10X10.5TR13F
220
0.14
450
0.22
2,000
NACZ331M50V12.5X14TR15F
330
0.14
620
0.14
2,000
NACZ391M50V12.5X14TR15F
390
0.14
620
0.14
2,000
NACZ471M50V16X17TR15F
470
0.14
790
0.078
2,000
NACZ102M50V16X17TR15F
1000
0.14
790
0.078
2,000
DIMENSIONS (mm)
Case Size
φD±0.5
L max.
A±0.2
B±0.2
I±0.3
W
P±0.3
4x6.3
4.0
6.3
4.3
4.3
1.8
0.5~0.8
1.0
5x6.3
5.0
6.3
5.3
5.3
2.2
0.5~0.8
1.4
6.3x6.3
6.3
6.3
6.6
6.6
2.5
0.5~0.8
2.2
6.3X8
6.3
8.0
6.6
6.6
2.5
0.5~0.8
2.2
8X10.5
8.0
10.5
8.3
8.3
2.9
0.7~1.0
3.2
10X8
10.0
8.0
10.3
10.3
3.2
1.1~1.4
4.6
10X10.5
10.0
10.5
10.3
10.3
3.2
1.1~1.4
4.6
12.5x14
12.5
14.0
12.8
12.8
4.5
1.1~1.4
4.6
16x17
16.0
17.0
16.3
16.3
5.0
1.8~2.1
7.0
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
*For Automotive Equipment and high temperature reflow version see part number system
Surface Mount Aluminum Electrolytic Capacitors NACZ Series
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Case
Diameter
Termination
Material
4 ~ 12.5mm
φ
97% Sn, 3% Bi
16mm
100% Sn
NACZ 101 M 16V 6.3x6.3 TR 13 M1 Y F
RoHS Compliant
Denotes high temp. reflow version
13 = 13” (330mm) Reel, 15 = 15" (380mm) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Optional: Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site


Similar Part No. - NACZ220M10V4X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACZ220M10V4X63TR13F NIC-NACZ220M10V4X63TR13F Datasheet
173Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACZ220M10V4X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com