Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6186-3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH6186-3
Description  Optocoupler, Phototransistor Output, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6186-3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH6186-3 Datasheet HTML 1Page - Vishay Siliconix SFH6186-3 Datasheet HTML 2Page - Vishay Siliconix SFH6186-3 Datasheet HTML 3Page - Vishay Siliconix SFH6186-3 Datasheet HTML 4Page - Vishay Siliconix SFH6186-3 Datasheet HTML 5Page - Vishay Siliconix SFH6186-3 Datasheet HTML 6Page - Vishay Siliconix SFH6186-3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Alternative Device Available
SFH618A, SFH6186
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 23-May-13
5
Document Number: 83673
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Diode Forward Voltage (typ.)
Fig. 7 - Diode Forward Voltage (typ.)
Fig. 8 - Transistor Capacitance
Fig. 9 - Output Characteristics
Fig. 10 - Switching Times (typ.)
1.15
1.2
1.1
1.05
isfh618a_03
IF (mA)
1
0.95
0.9
TA = 25 ºC, VF = f (IF)
10-1
100
101
1.15
1.2
1.1
- 40 - 20
0
20
40
60
80 100
isfh618a_04
TA (°C)
1.05
1
0.95
0
IF = 1.0 mA, VF = f (TA)
16
20
12
isfh618a_05
VCE (V)
8
4
0
TA = 25 ºC, f = 1.0 MHz
CEE = f (VCE)
10-1
100
101
102
10-2
10
12
8
isfh618a_06
VCE (V)
6
4
2
0
TA = 25 ºC,
CE = f
(VCE, IF)
10-1
100
101
102
10-2
IF = 5 mA
IF = 2 mA
IF = 1 mA
IF = 0.5 mA
103
102
101
100
isfh618a_09
RL (Ω)
103
104
105
102
tF
t off
tR
t on
TA = 25 ºC, IF = 1.0 mA,
VCC = 5.0 V, tON, tR,
tOFF, tF, = f (RL)


Similar Part No. - SFH6186-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH6186-3 INFINEON-SFH6186-3 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6186-3 VISHAY-SFH6186-3 Datasheet
146Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.8, 25-Jan-08
SFH6186-3 VISHAY-SFH6186-3 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-3T VISHAY-SFH6186-3T Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
More results

Similar Description - SFH6186-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-2T VISHAY-SFH6186-2T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
VO610A VISHAY-VO610A_V01 Datasheet
176Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com