Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NATT471M10V10X10.5LBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NATT471M10V10X10.5LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATT471M10V10X10.5LBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NATT471M10V10X10.5LBF Datasheet HTML 1Page - NIC-Components Corp. NATT471M10V10X10.5LBF Datasheet HTML 2Page - NIC-Components Corp. NATT471M10V10X10.5LBF Datasheet HTML 3Page - NIC-Components Corp. NATT471M10V10X10.5LBF Datasheet HTML 4Page - NIC-Components Corp. NATT471M10V10X10.5LBF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors
NATT Series
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Impedance (
Ω)
100KHz, +20°C
Max. Ripple Current (mA)
+125°C, 100KHz
Load Life Hours
@ +125°C
NATT101M6.3V6.3X6.3NBF
100
6.3
0.30
1.60
70
1,000
NATT221M6.3V6.3X8NBF
220
0.30
0.90
100
1,000
NATT331M6.3V8X10.5NBF
330
0.30
0.40
160
2,000
NATT471M6.3V8X10.5NBF
470
0.30
0.40
160
2,000
NATT681M6.3V10X10.5LBF
680
0.30
0.30
220
2,000
NATT102M6.3V12.5X14KLBF 1000
0.30
0.12
550
2,000
NATT152M6.3V12.5X14KLBF 1500
0.30
0.12
550
2,000
NATT222M6.3V12.5X14KLBF 2200
0.30
0.12
550
2,000
NATT332M6.3V16X17JLSF
3300
0.30
0.08
900
2,000
NATT472M6.3V16X17JLSF
4700
0.30
0.08
900
2,000
NATT470M10V6.3X6.3NBF
47
10
0.24
1.60
70
1,000
NATT101M10V6.3X8NBF
100
0.24
0.90
100
1,000
NATT221M10V6.3X8NBF
220
0.24
0.90
100
1,000
NATT221M10V8X10.5NBF
220
0.24
0.40
160
2,000
NATT331M10V8X10.5NBF
330
0.24
0.40
160
2,000
NATT471M10V10X10.5LBF
470
0.24
0.30
220
2,000
NATT681M10V12.5X14KLBF
680
0.24
0.12
550
2,000
NATT102M10V12.5X14KLBF 1000
0.24
0.12
550
2,000
NATT152M10V12.5X14KLBF 1500
0.24
0.12
550
2,000
NATT222M10V16X17JLSF
2200
0.24
0.08
900
2,000
NATT332M10V16X17JLSF
3300
0.24
0.08
900
2,000
NATT470M16V6.3X6.3NBF
47
16
0.20
1.60
70
1,000
NATT101M16V6.3X8NBF
100
0.20
0.90
110
1,000
NATT101M16V8X10.5NBF
100
0.20
0.40
160
2,000
NATT221M16V8X10.5NBF
220
0.20
0.40
160
2,000
NATT331M16V10X10.5LBF
330
0.20
0.30
220
2,000
NATT471M16V12.5X14KLBF
470
0.20
0.12
550
2,000
NATT681M16V12.5X14KLBF
680
0.20
0.12
550
2,000
NATT102M16V12.5X14KLBF 1000
0.20
0.12
550
2,000
NATT152M16V16X17JLSF
1500
0.20
0.08
900
2,000
NATT222M16V16X17JLSF
2200
0.20
0.08
900
2,000
NATT330M25V6.3X6.3NBF
33
25
0.16
1.60
70
1,000
NATT470M25V6.3X8NBF
47
0.16
0.90
100
1,000
NATT101M25V6.3X8NBF
100
0.16
0.90
100
1,000
NATT101M25V8X10.5NBF
100
0.16
0.40
160
2,000
NATT221M25V8X10.5NBF
220
0.16
0.40
160
2,000
NATT221M25V10X10.5LBF
220
0.16
0.30
220
2,000
NATT331M25V10X10.5LBF
330
0.16
0.30
220
2,000
NATT331M25V12.5X14KLBF
330
0.16
0.12
550
2,000
NATT471M25V12.5X14KLBF
470
0.16
0.12
550
2,000
NATT681M25V12.5X14KLBF
680
0.16
0.12
550
2,000
NATT102M25V16X17JLSF
1000
0.16
0.08
900
2,000
NATT152M25V16X17JLSF
1500
0.16
0.08
900
2,000
NATT4R7M35V6.3X6.3NBF
4.7
35
0.14
2.00
60
1,000
NATT100M35V6.3X6.3NBF
10
0.14
1.60
70
1,000
NATT220M35V6.3X6.3NBF
22
0.14
1.60
70
1,000
NATT330M35V6.3X8NBF
33
0.14
0.90
100
1,000
NATT470M35V6.3X8NBF
47
0.14
0.90
100
1,000
NATT470M35V8X10.5NBF
47
0.14
0.40
160
2,000
NATT101M35V8X10.5NBF
100
0.14
0.40
160
2,000
NATT101M35V10X10.5LBF
100
0.14
0.30
220
2,000
NATT221M35V10X10.5LBF
220
0.14
0.30
220
2,000
NATT221M35V12.5X14KLBF
220
0.14
0.12
550
2,000
NATT331M35V12.5X14KLBF
330
0.14
0.12
550
2,000
NATT471M35V12.5X14KLBF
470
0.14
0.12
550
2,000
NATT471M35V16X17JLSF
470
0.14
0.08
900
2,000
NATT681M35V16X17JLSF
680
0.14
0.08
900
2,000
NATT102M35V16X17JLSF
1000
0.14
0.08
900
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
For Automotive Equipment, see part number system


Similar Part No. - NATT471M10V10X10.5LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NATT471M10V10X10.5JBF NIC-NATT471M10V10X10.5JBF Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NATT471M10V10X10.5LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com