Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIN-NDR12xTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NIN-NDR12xTRF
Description  Molded Chip Wirewound Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-NDR12xTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NIN-NDR12xTRF Datasheet HTML 1Page - NIC-Components Corp. NIN-NDR12xTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-NDR12xTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-NDR12xTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-NDR12xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-NDR12xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-NDR12xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-NDR12xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-NDR12xTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Molded Chip Wirewound Inductors
NIN Series
NIN-FC SERIES
C SIZE (1008)
STANDARD TYPE
For Quality Factor (Q) and Inductance (L)
over Frequency curves
see www.RFpassives.com
NIC
P/N
'L'
Inductance
(
μH)
Tolerance
'Q'
Factor
(min.)
L & Q
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
(std)
(opt)
NIN-FCR22xTRF
0.22
±20% (M)
±10% (K)
25
25.2 MHz
230
0.70
190
NIN-FCR27xTRF
0.27
±20% (M)
±10% (K)
25
25.2 MHz
210
0.75
180
NIN-FCR33xTRF
0.33
±20% (M)
±10% (K)
25
25.2 MHz
190
0.85
170
NIN-FCR39xTRF
0.39
±20% (M)
±10% (K)
25
25.2 MHz
175
0.95
160
NIN-FCR47xTRF
0.47
±20% (M)
±10% (K)
25
25.2 MHz
160
1.00
155
NIN-FCR56xTRF
0.56
±20% (M)
±10% (K)
25
25.2 MHz
150
1.10
150
NIN-FCR68xTRF
0.68
±20% (M)
±10% (K)
25
25.2 MHz
135
1.25
140
NIN-FCR82xTRF
0.82
±20% (M)
±10% (K)
25
25.2 MHz
125
1.40
130
NIN-FC1R0xTRF
1.0
±10% (K)
±5% (J)
25
7.96 MHz
115
0.65
195
NIN-FC1R2xTRF
1.2
±10% (K)
±5% (J)
25
7.96 MHz
100
0.75
180
NIN-FC1R5xTRF
1.5
±10% (K)
±5% (J)
25
7.96 MHz
90
0.85
170
NIN-FC1R8xTRF
1.8
±10% (K)
±5% (J)
25
7.96 MHz
85
0.95
160
NIN-FC2R2xTRF
2.2
±10% (K)
±5% (J)
25
7.96 MHz
80
1.05
155
NIN-FC2R7xTRF
2.7
±10% (K)
±5% (J)
25
7.96 MHz
75
1.20
145
NIN-FC3R3xTRF
3.3
±10% (K)
±5% (J)
25
7.96 MHz
65
1.30
135
NIN-FC3R9xTRF
3.9
±10% (K)
±5% (J)
25
7.96 MHz
60
1.40
130
NIN-FC4R7xTRF
4.7
±10% (K)
±5% (J)
25
7.96 MHz
55
1.55
125
NIN-FC5R6xTRF
5.8
±10% (K)
±5% (J)
25
7.96 MHz
50
1.75
120
NIN-FC6R8xTRF
6.8
±10% (K)
±5% (J)
25
7.96 MHz
45
1.95
115
NIN-FC8R2xTRF
8.2
±10% (K)
±5% (J)
25
7.96 MHz
40
2.20
105
NIN-FC100xTRF
10
±10% (K)
±5% (J)
25
2.52 MHz
32
3.50
80
NIN-FC120xTRF
12
±10% (K)
±5% (J)
25
2.52 MHz
30
3.80
75
NIN-FC150xTRF
15
±10% (K)
±5% (J)
25
2.52 MHz
28
4.40
70
NIN-FC180xTRF
18
±10% (K)
±5% (J)
25
2.52 MHz
25
5.00
65
NIN-FC220xTRF
22
±10% (K)
±5% (J)
25
2.52 MHz
22
5.80
60
NIN-FC270xTRF
27
±10% (K)
±5% (J)
25
2.52 MHz
21
6.30
115
NIN-FC330xTRF
33
±10% (K)
±5% (J)
25
2.52 MHz
20
7.10
110
NIN-FC390xTRF
39
±10% (K)
±5% (J)
25
2.52 MHz
18
9.50
90
NIN-FC470xTRF
47
±10% (K)
±5% (J)
25
2.52 MHz
17
11.0
80
NIN-FC560xTRF
56
±10% (K)
±5% (J)
25
2.52 MHz
16
12.1
75
NIN-FC680xTRF
68
±10% (K)
±5% (J)
25
2.52 MHz
15
16.6
70
NIN-FC820xTRF
82
±10% (K)
±5% (J)
25
2.52 MHz
13
19.0
65
NIN-FC101xTRF
100
±10% (K)
±5% (J)
25
0.796 MHz
12
21.0
60
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.


Similar Part No. - NIN-NDR12xTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-NAR47JTRF NIC-NIN-NAR47JTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NAR47KTRF NIC-NIN-NAR47KTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NAR47MTRF NIC-NIN-NAR47MTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NCR47JTRF NIC-NIN-NCR47JTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NCR47KTRF NIC-NIN-NCR47KTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
More results

Similar Description - NIN-NDR12xTRF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com