Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSA1R0M100V5x11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSA1R0M100V5x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSA1R0M100V5x11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSA1R0M100V5x11F Datasheet HTML 1Page - NIC-Components Corp. NRSA1R0M100V5x11F Datasheet HTML 2Page - NIC-Components Corp. NRSA1R0M100V5x11F Datasheet HTML 3Page - NIC-Components Corp. NRSA1R0M100V5x11F Datasheet HTML 4Page - NIC-Components Corp. NRSA1R0M100V5x11F Datasheet HTML 5Page - NIC-Components Corp. NRSA1R0M100V5x11F Datasheet HTML 6Page - NIC-Components Corp. NRSA1R0M100V5x11F Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
122
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, STANDARD CASE SIZING
NRSA Series
CHARACTERISTICS
Note: Capacitors shall conform to JIS-C-5141, unless otherwise specified here.
NRSA
NRSS
(today’s standard)
(reduced sizes)
Rated Voltage Range
6.3 ~ 100Vdc
Capacitance Range
0.47 ~ 10,000
μF
Operating Temperature Range
-40 ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current @ +20°C
After 1 min.
0.03CV or 4
μA, whichever is greater
After 2 min.
0.01CV or 3
μA, whichever is greater
Max. Tan
δ @ 120Hz/+20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
C < 1,000
μF
0.24
0.20
0.16
0.14
0.12
0.10
0.10
0.10
C = 2,200
μF
0.24
0.21
0.18
0.16
0.14
0.12
0.11
-
C = 3,300
μF
0.26
0.23
0.20
0.18
0.16
0.14
0.13
-
C = 4,700
μF
0.28
0.25
0.22
0.20
0.18
0.20
-
-
C = 6,800
μF
0.32
0.29
0.26
0.24
----
C = 10,000
μF
0.40
0.37
0.34
0.32
----
Low Temperature Stability
Inpedance Ratio @ 120Hz
Z-25°C/Z+20°C
43222222
Z-40°C/Z+20°C
10
8643333
Load Life Test at Rated W.V.
+85°C 2,000 Hours
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
+85°C 1,000 Hours
No Load
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
STANDARD PRODUCTS AND CASE SIZE TABLE: D
φ x L (mm)
Cap.
(
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
0.47
R47
-----
-
-
5x11
1.0
1R0
-----
5.11
-
5x11
2.2
2R2
-----
5x11
-
5x11
3.3
3R3
-----
5x11
-
5x11
4.7
4R7
-----
5x11
5x11
5x11
10
100
-
-
5x11
-
5x11
5x11
5x11
6.3x11
22
220
-
-
5x11
5x11
5x11
5x11
6.3x11
8x11.5
33
330
-
-
5x11
5x11
5x11
6.3x11
6.3x11
10x12.5
47
470
-
5x11
5x11
5x11
6.3x11
6.3x11
8x11.5
10x16
100
101
-
5x11
6.3x11
6.3x11
8x11.5
8x11.5
10x12.5
12.5x20
150
151
-
5x11
6.3x11
8x11.5
8x11.5
10x12.5
10x16
12.5x20
220
221
-
6.3x11
8x11.5
8x11.5
10x12.5
10x16
10x20
16x25
330
331
6.3x11
8x11.5
8x11.5
10x12.5
10x16
10x20
12.5x20
16x25
470
471
8x11.5
8x11.5
10x12.5
10x16
10x20
12.5x20
12.5x25
16x31.5
680
681
10x12.5
-
-
-
----
1,000
102
10x12.5
10x16
10x20
12.5x20
12.5x25
16x25
16x31.5
-
1,500
152
10x20
12.5x20
12.5x25
12.5x25
16x25
-
18x36
-
2,200
222
12.5x20
12.5x20
12.5x25
16x25
16x31.5
18x35.5
18x35.5
-
3,300
332
12.5x20
12.5x25
16x25
16x31.5
18x35.5
-
-
-
4,700
472
16x25
16x25
16x31.5
18x35.5
-
-
--
6,800
682
16x25
16x31
18x36
-
----
10,000
103
16x31
18x36
--
----
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
5
6.3
8
10 12.5 16
18
22
Lead Dia (d
φ)
0.5 0.5 0.6 0.6
0.6
0.8 0.8 0.8
Lead Spacing (F) 2.0 2.5 3.5 5.0
5.0
7.5 7.5
10
Dim.
α
0.5 0.5 0.5 0.5
0.5
0.5 0.5 1.0
β = L < 20mm = 1.5mm, L > 20mm = 2.0mm
*See Part Number System for Details
PN
b
S
fD
il
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRSA1R0M100V5x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSA1R0M100V5X11TRF NIC-NRSA1R0M100V5X11TRF Datasheet
168Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSA1R0M100V5x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com