Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF3415 Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRF3415
Description  ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF3415 Datasheet(HTML) 2 Page - International Rectifier

  AUIRF3415 Datasheet HTML 1Page - International Rectifier AUIRF3415 Datasheet HTML 2Page - International Rectifier AUIRF3415 Datasheet HTML 3Page - International Rectifier AUIRF3415 Datasheet HTML 4Page - International Rectifier AUIRF3415 Datasheet HTML 5Page - International Rectifier AUIRF3415 Datasheet HTML 6Page - International Rectifier AUIRF3415 Datasheet HTML 7Page - International Rectifier AUIRF3415 Datasheet HTML 8Page - International Rectifier AUIRF3415 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AUIRF3415
2
www.irf.com
S
D
G
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ VDD = 25V, starting TJ = 25°C, L = 2.4mH
RG = 25Ω, IAS = 22A. (See Figure 12)
ƒ ISD ≤ 22A, di/dt ≤ 820A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Rθ is measured at TJ approximately 90°C.
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.17
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.042
VGS(th)
Gate Threshold Voltage2.0
–––
4.0
V
gfs
Forward Transconductance
19
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
25
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
–––
200
Qgs
Gate-to-Source Charge
–––
–––
17
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
98
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
55
–––
td(off)
Turn-Off Delay Time
–––
71
–––
ns
tf
Fall Time
–––
69
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
2400
–––
Coss
Output Capacitance
–––
640
–––
pF
Crss
Reverse Transfer Capacitance
–––
340
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
43
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
150
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
260
390
ns
Qrr
Reverse Recovery Charge
–––
2.2
3.3
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VDS = 50V, ID = 22A
ID = 22A
VDS = 120V
VGS = 20V
VGS = -20V
VGS = 10V, See Fig. 6 & 13 f
ID = 22A
RG = 2.5
TJ = 25°C, IS = 22A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
Conditions
RD = 3.3
Ω, See Fig. 10
VGS = 0V
di/dt = 100A/µs
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 22A f
VDS = VGS, ID = 250µA
VDS = 150V, VGS = 0V
VDS = 120V, VGS = 0V, TJ = 150°C
MOSFET symbol
VDD = 75V
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
TJ = 25°C, IF = 22A


Similar Part No. - AUIRF3415

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF3004WL IRF-AUIRF3004WL Datasheet
236Kb / 10P
   HEXFETPower MOSFET
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
AUIRF3007 IRF-AUIRF3007 Datasheet
621Kb / 12P
   HEXFET짰 Power MOSFET
logo
List of Unclassifed Man...
AUIRF3007 ETC2-AUIRF3007 Datasheet
621Kb / 12P
   Low On-Resistance
logo
International Rectifier
AUIRF3205 IRF-AUIRF3205 Datasheet
211Kb / 11P
   HEXFET짰 Power MOSFET
More results

Similar Description - AUIRF3415

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
   ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
   Advanced Planar Technology, Low On-Resistance
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRFZ46NS IRF-AUIRFZ46NS Datasheet
254Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF7309Q IRF-AUIRF7309Q Datasheet
293Kb / 14P
   Advanced Planar Technology Low On-Resistance
AUIRFL024N IRF-AUIRFL024N Datasheet
190Kb / 11P
   Advanced Planar Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com