Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11AA4300W Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # H11AA4300W
Description  AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11AA4300W Datasheet(HTML) 6 Page - Fairchild Semiconductor

  H11AA4300W Datasheet HTML 1Page - Fairchild Semiconductor H11AA4300W Datasheet HTML 2Page - Fairchild Semiconductor H11AA4300W Datasheet HTML 3Page - Fairchild Semiconductor H11AA4300W Datasheet HTML 4Page - Fairchild Semiconductor H11AA4300W Datasheet HTML 5Page - Fairchild Semiconductor H11AA4300W Datasheet HTML 6Page - Fairchild Semiconductor H11AA4300W Datasheet HTML 7Page - Fairchild Semiconductor H11AA4300W Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.fairchildsemi.com
H11AA1, H11AA3, H11AA2, H11AA4 Rev. 1.0.0
Ordering Information
Carrier Tape Specifications (“D” Taping Orientation)
Note
All dimensions are in millimeters
Option
Order Entry Identifier
Description
S.S
Surface Mount Lead Bend
SD
.SD
Surface Mount; Tape and Reel
W.W
0.4” Lead Spacing
300
.300
VDE 0884
300W
.300W
VDE 0884, 0.4” Lead Spacing
3S
.3S
VDE 0884, Surface Mount
3SD
.3SD
VDE 0884, Surface Mount, Tape and Reel
4.0
± 0.1
Ø1.55
± 0.05
User Direction of Feed
4.0
± 0.1
1.75
± 0.10
7.5
± 0.1
16.0
± 0.3
12.0
± 0.1
0.30
± 0.05
13.2
± 0.2
4.85
± 0.20
0.1 MAX
10.30
± 0.20
9.55
± 0.20
Ø1.6
± 0.1


Similar Part No. - H11AA4300W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11AA4 MOTOROLA-H11AA4 Datasheet
281Kb / 6P
   6-Pin DIP Optoisolators AC Input/Transistor Output
logo
QT Optoelectronics
H11AA4 QT-H11AA4 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Everlight Electronics C...
H11AA4 EVERLIGHT-H11AA4 Datasheet
408Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
logo
ISOCOM COMPONENTS
H11AA4 ISOCOM-H11AA4 Datasheet
368Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Everlight Electronics C...
H11AA4 EVERLIGHT-H11AA4 Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
More results

Similar Description - H11AA4300W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
MOC256 FAIRCHILD-MOC256 Datasheet
486Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOC256-M FAIRCHILD-MOC256-M Datasheet
105Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com