Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS6NC52A221Q55B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DSS6NC52A221Q55B
Description  Leaded EMIFIL (Three-terminal Capacitor type) Small Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DSS6NC52A221Q55B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DSS6NC52A221Q55B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DSS6NC52A221Q55B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DSS6NC52A221Q55B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DSS6NC52A221Q55B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DSS6NC52A221Q55B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > Leaded EMIFIL
r (Three-terminal Capacitor type) > Small Type
2013.5.9
oThis data sheet is applied for Lead EMIFILr Capacitor Type used for General Electronics equipment for your design.
Leaded EMIFIL
r (Three-terminal Capacitor type) Small Type
c Dimensions
(in mm)
7.0 max.
GND
I
Q55 Type: 25.0 min.
Q56 Type: 6.0±1.0
Q54 Type: 4.0±0.5
2.54 max.
5.0±0.5
2.5±0.5
ø0.6
c Insertion Loss Characteristics (Main Items)
1
0
20
40
60
80
100
120
1
10
100
1000
0.1
2
3
4
5
Frequency (MHz)
1: 22pF
2: 33pF
3: 47pF
4: 100pF
5: 270pF
6:1000pF
7: 2200pF
8: 10000pF
8
7
6
(50
Ω - 50Ω)
c Rated Value (p: lead type/packaging code)
Part Number
Capacitance
Rated Voltage
Rated Current
Operating
Temperature Range
DSN6NC51H220
p
22pF ±20%
50Vdc
6A
-25 to +85°C
DSN6NC51H330
p
33pF ±20%
50Vdc
6A
-25 to +85°C
DSN6NC51H470
p
47pF ±20%
50Vdc
6A
-25 to +85°C
DSN6NC51H101
p
100pF ±20%
50Vdc
6A
-25 to +85°C
DSN6NC51H271
p
270pF ±20%
50Vdc
6A
-25 to +85°C
DSN6NC51H102
p
1000pF ±20%
50Vdc
6A
-25 to +85°C
DSN6NC51H222
p
2200pF ±20%
50Vdc
6A
-25 to +85°C
DSN6NZ81H103
p
10000pF 80/-20%
50Vdc
6A
-25 to +85°C
Continued on the following page.
c Dimensions
(in mm)
8.0 max.
2.54 max.
*1
*2
*1 There may be a hole on the top of ferrite beads,
which causes no characteristics deterioration.
*2 The bottom of the ferrite beads may not be level with each other.
5.0±0.5
2.5±0.5
ø0.6
I
Q55 Type: 25.0 min.
Q56 Type: 6.0±1.0
Q54 Type: 4.0±0.5
GND
c Insertion Loss Characteristics (Main Items)
2
1
3
4
8
0
20
40
60
80
100
120
1
10
100
1000
9
10
11
7
0.1
5
6
Frequency (MHz)
1: 22pF
2: 33pF
3: 47pF
4: 100pF
5: 150pF
6: 220pF
7: 270pF
8: 470pF
9: 1000pF
10: 2200pF
11: 10000pF
(50
Ω - 50Ω)
DSN6 Series
DSS6 Series Straight Type
DSN6/DSS6 Series


Similar Part No. - DSS6NC52A221Q55B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSS6NC52A221Q55B MURATA1-DSS6NC52A221Q55B Datasheet
295Kb / 3P
   DS_6 is a compact, high performance lead type EMI suppression filter which can be mounted 2.54mm pitch.
08/17/2022
More results

Similar Description - DSS6NC52A221Q55B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS9NT31H223Q55B MURATA-DSS9NT31H223Q55B Datasheet
129Kb / 4P
   Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSS6NC52A471Q55B MURATA-DSS6NC52A471Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series
DSN9NC51H223Q54B MURATA-DSN9NC51H223Q54B Datasheet
129Kb / 4P
   Leaded EMIFILr (Three-terminal Capacitor type) Standard Type DSN9N/DST9N Series
58251 MURATA-58251 Datasheet
44Kb / 2P
   Chip EMIFIL Capacitor Type
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com