Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11AA814A300W Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # H11AA814A300W
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11AA814A300W Datasheet(HTML) 1 Page - Fairchild Semiconductor

  H11AA814A300W Datasheet HTML 1Page - Fairchild Semiconductor H11AA814A300W Datasheet HTML 2Page - Fairchild Semiconductor H11AA814A300W Datasheet HTML 3Page - Fairchild Semiconductor H11AA814A300W Datasheet HTML 4Page - Fairchild Semiconductor H11AA814A300W Datasheet HTML 5Page - Fairchild Semiconductor H11AA814A300W Datasheet HTML 6Page - Fairchild Semiconductor H11AA814A300W Datasheet HTML 7Page - Fairchild Semiconductor H11AA814A300W Datasheet HTML 8Page - Fairchild Semiconductor H11AA814A300W Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PACKAGE
4/24/03
Page 1 of 9
© 2003 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA814 SERIES
H11A617 SERIES
H11A817 SERIES
H11AA814 SCHEMATIC
H11A617 & H11A817 SCHEMATIC
DESCRIPTION
The H11AA814 Series consists of two gallium arsenide infrared emitting diodes,
connected in inverse parallel, driving a single silicon phototransistor in a 4-pin
dual in-line package.
The H11A617 and H11A817 Series consists of a gallium arsenide infrared
emitting diode driving a silicon phototransistor in a 4-pin dual in-line package.
FEATURES
Compact 4-pin package
Current transfer ratio in selected groups:
H11AA814:
20-300%
H11A817:
50-600%
H11AA814A: 50-150%
H11A817A: 80-160%
H11A617A:
40%-80%
H11A817B: 130-260%
H11A617B:
63%-125%
H11A817C: 200-400%
H11A617C:
100%-200%
H11A817D: 300-600%
H11A617D:
160%-320%
Minimum BVCEO of 70V guaranteed
APPLICATIONS
H11AA814 Series
•AC line monitor
Unknown polarity DC sensor
•Telephone line interface
H11A617 and H11A817 Series
•Power supply regulators
Digital logic inputs
Microprocessor inputs
4
1
1
2
4
3 EMITTER
COLLECTOR
1
2
4
3EMITTER
COLLECTOR
ANODE
CATHODE


Similar Part No. - H11AA814A300W

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11AA814A QT-H11AA814A Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814A FAIRCHILD-H11AA814A Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
More results

Similar Description - H11AA814A300W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com