Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACZ330M50V6.3X8TR13F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACZ330M50V6.3X8TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACZ330M50V6.3X8TR13F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACZ330M50V6.3X8TR13F Datasheet HTML 1Page - NIC-Components Corp. NACZ330M50V6.3X8TR13F Datasheet HTML 2Page - NIC-Components Corp. NACZ330M50V6.3X8TR13F Datasheet HTML 3Page - NIC-Components Corp. NACZ330M50V6.3X8TR13F Datasheet HTML 4Page - NIC-Components Corp. NACZ330M50V6.3X8TR13F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NACZ Series
NIC Part Number*
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C, 100KHz
Max. Impedance (
Ω)
+20°C, 100KHz
Load Life Hours
@ +105°C
NACZ270M6.3V4X6.3TR13F
27
6.3
0.24
80
1.80
1,000
NACZ470M6.3V5X6.3TR13F
47
0.24
150
0.76
1,000
NACZ560M6.3V5X6.3TR13F
56
0.24
150
0.76
1,000
NACZ101M6.3V6.3X6.3TR13F
100
0.24
230
0.44
1,000
NACZ151M6.3V6.3X6.3TR13F
150
0.24
230
0.44
1,000
NACZ221M6.3V6.3X6.3TR13F
220
0.24
230
0.44
1,000
NACZ331M6.3V6.3X8TR13F
330
0.24
280
0.34
1,000
NACZ471M6.3V8X10.5TR13F
470
0.28
450
0.17
2,000
NACZ681M6.3V8X10.5TR13F
680
0.28
450
0.17
2,000
NACZ681M6.3V10X8TR13F
NACZ102M6.3V8X10.5TR13F
1000
0.28
450
0.17
2,000
NACZ152M6.3V10X10.5TR13F 1500
0.29
670
0.09
2,000
NACZ332M6.3V12.5X14TR15F 3300
0.32
900
0.066
2,000
NACZ682M6.3V16X17TR15F
6800
0.38
1250
0.052
2,000
NACZ220M10V4X6.3TR13F
22
10
0.20
80
1.80
1,000
NACZ330M10V5X6.3TR13F
33
0.20
150
0.76
1,000
NACZ680M10V6.3X6.3TR13F
68
0.20
230
0.44
1,000
NACZ121M10V6.3X6.3TR13F
120
0.20
230
0.44
1,000
NACZ151M10V6.3X6.3TR13F
150
0.20
230
0.44
1,000
NACZ221M10V6.3X8TR13F
220
0.20
280
0.34
1,000
NACZ331M10V8X10.5TR13F
330
0.24
450
0.17
2,000
NACZ471M10V8X10.5TR13F
470
0.24
450
0.17
2,000
NACZ471M10V10X8TR13F
NACZ102M10V10X10.5TR13F
1000
0.24
670
0.09
2,000
NACZ222M10V12.5X14TR15F
2200
0.26
900
0.066
2,000
NACZ472M10V16X17TR15F
4700
0.30
1250
0.052
2,000
NACZ150M16V4X6.3TR13F
15
16
0.16
80
1.80
1,000
NACZ220M16V5X6.3TR13F
22
0.16
150
0.76
1,000
NACZ470M16V6.3X6.3TR13F
47
0.16
230
0.44
1,000
NACZ680M16V6.3X6.3TR13F
68
0.16
230
0.44
1,000
NACZ101M16V6.3X6.3TR13F
100
0.16
230
0.44
1,000
NACZ151M16V6.3X8TR13F
150
0.16
280
0.34
1,000
NACZ221M16V6.3X8TR13F
220
0.16
280
0.34
1,000
NACZ331M16V8X10.5TR13F
330
0.20
450
0.17
2,000
NACZ331M16V10X8TR13F
NACZ471M16V8X10.5TR13F
470
0.20
450
0.17
2,000
NACZ681M16V10X10.5TR13F
680
0.20
670
0.09
2,000
NACZ152M16V12.5X14TR15F
1500
0.21
900
0.066
2,000
NACZ332M16V16X17TR15F
3300
0.24
1250
0.052
2,000
NACZ100M25V4X6.3TR13F
10
25
0.14
80
1.80
1,000
NACZ220M25V5X6.3TR13F
22
0.14
150
0.76
1,000
NACZ330M25V6.3X6.3TR13F
33
0.14
230
0.44
1,000
NACZ470M25V6.3X6.3TR13F
47
0.14
230
0.44
1,000
NACZ560M25V6.3X6.3TR13F
56
0.14
230
0.44
1,000
NACZ680M25V6.3X6.3TR13F
68
0.14
230
0.44
1,000
NACZ101M25V6.3X8TR13F
100
0.14
280
0.34
1,000
NACZ151M25V8X10.5TR13F
150
0.16
450
0.17
2,000
NACZ221M25V8X10.5TR13F
220
0.16
450
0.17
2,000
NACZ221M25V10X8TR13F
NACZ331M25V8X10.5TR13F
330
0.16
450
0.17
2,000
NACZ471M25V10X10.5TR13F
470
0.16
670
0.09
2,000
NACZ102M25V12.5X14TR15F
1000
0.16
900
0.066
2,000
NACZ222M25V16X17TR15F
2200
0.18
1250
0.052
2,000
NACZ4R7M35V4X6.3TR13F
4.7
35
0.12
80
1.80
1,000
NACZ100M35V5X6.3TR13F
10
0.12
150
0.76
1,000
NACZ150M35V5X6.3TR13F
15
0.12
150
0.76
1,000
NACZ220M35V5X6.3TR13F
22
0.12
150
0.76
1,000
NACZ330M35V6.3X6.3TR13F
33
0.12
230
0.44
1,000
NACZ470M35V6.3X6.3TR13F
47
0.12
230
0.44
1,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
*For Automotive Equipment and high temperature reflow version see part number system


Similar Part No. - NACZ330M50V6.3X8TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACZ330M50V63X8TR13F NIC-NACZ330M50V63X8TR13F Datasheet
173Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACZ330M50V6.3X8TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com