Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSS472M35V18x35.5F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSS472M35V18x35.5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSS472M35V18x35.5F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSS472M35V18x35.5F Datasheet HTML 1Page - NIC-Components Corp. NRSS472M35V18x35.5F Datasheet HTML 2Page - NIC-Components Corp. NRSS472M35V18x35.5F Datasheet HTML 3Page - NIC-Components Corp. NRSS472M35V18x35.5F Datasheet HTML 4Page - NIC-Components Corp. NRSS472M35V18x35.5F Datasheet HTML 5Page - NIC-Components Corp. NRSS472M35V18x35.5F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Miniature Aluminum Electrolytic Capacitors
NRSS Series
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NRSS330M6.3V5X11F
33
6.3
0.28
50
14.1
2,000
NRSS470M6.3V5X11F
47
0.28
60
9.88
2,000
NRSS101M6.3V5X11F
100
0.28
120
4.64
2,000
NRSS221M6.3V5X11F
220
0.28
210
2.11
2,000
NRSS331M6.3V6.3X11F
330
0.28
260
1.41
2,000
NRSS471M6.3V6.3x11F
470
0.28
320
0.99
2,000
NRSS102M6.3V8x11.5F
1,000
0.28
540
0.46
2,000
NRSS222M6.3V10x16F
2,200
0.30
900
0.23
2,000
NRSS332M6.3V10x20F
3,300
0.32
1050
0.16
2,000
NRSS472M6.3V12.5x20F
4,700
0.34
1350
0.12
2,000
NRSS682M6.3V12.5x25F
6,800
0.38
1600
0.093
2,000
NRSS103M6.3V16x25F
10,000
0.46
2000
0.076
2,000
NRSS153M6.3V16X35.5F
15,000
0.56
1900
0.062
2,000
NRSS220M10V5X11F
22
10
0.24
38
18.1
2,000
NRSS330M10V5X11F
33
0.24
58
12.1
2,000
NRSS470M10V5X11F
47
0.24
70
8.47
2,000
NRSS101M10V5X11F
100
0.24
125
3.98
2,000
NRSS221M10V5x11F
220
0.24
220
1.81
2,000
NRSS331M10V6.3x11F
330
0.24
290
1.21
2,000
NRSS471M10V6.3x11F
470
0.24
350
0.85
2,000
NRSS102M10V10x12.5F
1,000
0.24
620
0.40
2,000
NRSS222M10V10x20F
2,200
0.26
970
0.20
2,000
NRSS332M10V12.5x20F
3,300
0.28
1250
0.14
2,000
NRSS472M10V12.5x25F
4,700
0.30
1500
0.11
2,000
NRSS682M10V16x25F
6,800
0.34
1850
0.083
2,000
NRSS103M10V16x31.5F
10,000
0.42
2350
0.07
2,000
NRSS153M10V18X35.5F
15,000
0.52
2000
0.058
2,000
NRSS100M16V5X11F
10
16
0.20
28
33.2
2,000
NRSS220M16V5X11F
22
0.20
50
15.1
2,000
NRSS330M16V5X11F
33
0.20
60
10.1
2,000
NRSS470M16V5X11F
47
0.20
85
7.06
2,000
NRSS101M16V5x11F
100
0.20
160
3.32
2,000
NRSS221M16V6.3x11F
220
0.20
260
1.51
2,000
NRSS331M16V8X11.5F
330
0.20
360
1.01
2,000
NRSS471M16V8x11.5F
470
0.20
440
0.71
2,000
NRSS102M16V10x16F
1,000
0.20
710
0.33
2,000
NRSS222M16V12.5x20F
2,200
0.22
1150
0.16
2,000
NRSS332M16V12.5x25F
3,300
0.24
1400
0.12
2,000
NRSS472M16V16x25F
4,700
0.26
1700
0.092
2,000
NRSS682M16V16x31.5F
6,800
0.30
2150
0.073
2,000
NRSS103M16V18x35.5F
10,000
0.38
2700
0.063
2,000
NRSS4R7M25V5X11F
4.7
25
0.18
25
63.5
2,000
NRSS100M25V5X11F
10
0.18
40
29.9
2,000
NRSS220M25V5X11F
22
0.18
60
13.6
2,000
NRSS330M25V5X11F
33
0.18
80
9.05
2,000
NRSS470M25V5X11F
47
0.18
90
6.35
2,000
NRSS101M25V6.3X11F
100
0.18
180
2.99
2,000
NRSS151M25V6.3X11F
150
0.16
220
1.76
2,000
NRSS221M25V8X11.5F
220
0.18
320
1.36
2,000
NRSS331M25V8x11.5F
330
0.18
390
0.90
2,000
NRSS471M25V10x12.5F
470
0.18
520
0.64
2,000
NRSS102M25V10x20F
1,000
0.18
830
0.30
2,000
NRSS222M25V12.5x25F
2,200
0.18
1300
0.15
2,000
NRSS332M25V16x25F
3,300
0.20
1650
0.11
2,000
NRSS472M25V16x31.5F
4,700
0.22
2050
0.085
2,000
NRSS682M25V18x35.5F
6,800
0.28
2550
0.068
2,000
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Frequency (Hz)
50 < F < 100
100 < F < 1K 1K < F < 10K
10K <
1.0 ~ 47
μF
0.80
1.00
1.30
1.50
100 ~ 470
μF
0.80
1.00
1.20
1.30
1,000 ~ 15,000
μF
0.80
1.00
1.13
1.15
Expanded Values


Similar Part No. - NRSS472M35V18x35.5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSS472M35V18x355F NIC-NRSS472M35V18x355F Datasheet
94Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSS472M35V18x35.5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com