Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603Y101JXJCW1BC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 0603Y101JXJCW1BC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

0603Y101JXJCW1BC Datasheet(HTML) 5 Page - Vishay Siliconix

  0603Y101JXJCW1BC Datasheet HTML 1Page - Vishay Siliconix 0603Y101JXJCW1BC Datasheet HTML 2Page - Vishay Siliconix 0603Y101JXJCW1BC Datasheet HTML 3Page - Vishay Siliconix 0603Y101JXJCW1BC Datasheet HTML 4Page - Vishay Siliconix 0603Y101JXJCW1BC Datasheet HTML 5Page - Vishay Siliconix 0603Y101JXJCW1BC Datasheet HTML 6Page - Vishay Siliconix 0603Y101JXJCW1BC Datasheet HTML 7Page - Vishay Siliconix 0603Y101JXJCW1BC Datasheet HTML 8Page - Vishay Siliconix 0603Y101JXJCW1BC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 27-Mar-13
5
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SELECTION CHART
DIELECTRIC
C0G (NP0)
STYLE
VJ0402
VJ0603
VJ0805
VJ1206
SIZE CODE
0402
0603
0805
1206
VOLTAGE (VDC)
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
VOLTAGE CODE
Q
J
X
A
B
Q
J
X
A
B
Q
J
X
A
B
Q
J
X
A
B
CAP. CODE
CAP.
0R5
0.5 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
1R0
1.0 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
1R2
1.2 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
1R5
1.5 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
B
B
B
B
B
1R8
1.8 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
B
B
B
B
B
2R2
2.2 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
B
B
B
B
B
2R7
2.7 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
B
B
B
B
B
3R3
3.3 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
B
B
B
B
B
3R9
3.9 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
B
B
B
B
B
4R7
4.7 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
B
B
B
B
B
5R6
5.6 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
B
B
B
B
B
6R8
6.8 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
B
B
B
B
B
8R2
8.2 pF
N (1) N (1) N (1) N (1)
N (1)
SS
SS
S
A
A
A
A
A
B
B
B
B
B
100
10 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
120
12 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
150
15 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
180
18 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
220
22 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
270
27 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
330
33 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
390
39 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
470
47 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
560
56 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
680
68 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
820
82 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
101
100 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
121
120 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
151
150 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
181
180 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
221
220 pF
NNNN
N
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
271
270 pF
NNNN
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
331
330 pF
NNNN
S
S
S
S
S
A
A
A
A
A
B
B
B
B
B
391
390 pF
NNNN
S
S
S
S
S
B
B
B
B
B
B
B
B
B
B
471
470 pF
NNNN
S
S
S
S
S
B
B
B
B
B
B
B
B
B
B
561
560 pF
NNNN
S
S
S
S
S
B
B
B
B
B
B
B
B
B
B
681
680 pF
NNNN
S
S
S
S
S
B
B
B
B
B
B
B
B
B
B
821
820 pF
NNNN
S
S
S
S
S
B
B
B
B
B
B
B
B
B
B
Notes
• Letters indicate product thickness, see packaging quantities
(1) Indicate product with Ag/Ni/Sn termination


Similar Part No. - 0603Y101JXJCW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
0603Y101JXQCW1MC VISHAY-0603Y101JXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 0603Y101JXJCW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A103GXJTW1BC VISHAY-VJ0805A103GXJTW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805A101JXACW1BC VISHAY-VJ0805A101JXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJW1BC VISHAY-VJW1BC Datasheet
163Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 01-Jul-16
VJ0402G104KXQCW1BC VISHAY-VJ0402G104KXQCW1BC Datasheet
220Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y105KXQTW1BC VISHAY-VJ0805Y105KXQTW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJ1206Y102KXACW1BC VISHAY-VJ1206Y102KXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ1206Y104KXACW1BC VISHAY-VJ1206Y104KXACW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJW1BC VISHAY-VJW1BC_V01 Datasheet
151Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
01-Jan-2023
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com