Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS6NC52A471B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DSS6NC52A471B
Description  Lead EMIFILr Capacitor Type for General Small Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DSS6NC52A471B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DSS6NC52A471B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DSS6NC52A471B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DSS6NC52A471B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for Lead EMIFILr Capacitor Type used for General Electronics equipment for your design.
2006.11.2
Noise Suppression Products/EMI Suppression Filters > Lead EMIFILr Capacitor Type > for General Small Type
DSS6 Series Incrimp Type
I Rated Value (p: lead type/packaging code)
Part Number
Capacitance
Rated Current
Rated Voltage
Operating
Temperature Range
DSS6NC52A220p
22pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A330p
33pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A470p
47pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A101p
100pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A151p
150pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A221p
220pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A271p
270pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A471p
470pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A102p
1000pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NE52A222p
2200pF+80%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NZ82A103p
10000pF+30%-30%
6A
100Vdc
-25
°C to +85°C
DSS6NF31C223p
22000pF+80%-20%
6A
16Vdc
-25
°C to +85°C
(in mm)
8.0 max.
GND
I
T51 Type : 25.0 min.
T41 Type : 4.0
±0.5
2.54 max.
5.0
±0.5
2.5
±0.5
ø0.6
*1 There may be a hole on the top of ferrite beads,
which cause no characteristics deterioration.
*2 Bottom of the ferrite beads may not be level with each other.
*1
*2
1
2
3
4
5
0
20
40
60
80
100
120
1
10
100
1000
0.1
9
10
11
12
6
7
8
Frequency (MHz)
1 : 22pF
2 : 33pF
3 : 47pF
4 : 100pF
5 : 150pF
6 : 220pF
7 : 270pF
8 : 470pF
9 : 1000pF
10 : 2200pF
11 : 10000pF
12 : 22000pF
I Dimension
I IL of Main Items
I Rated Value (p: lead type/packaging code)
Part Number
Capacitance
Rated Current
Rated Voltage
Operating
Temperature Range
DSS6NC52A220p
22pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A330p
33pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A470p
47pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A101p
100pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A151p
150pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A221p
220pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A271p
270pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A471p
470pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NC52A102p
1000pF+20%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NE52A222p
2200pF+80%-20%
6A
100Vdc
-25
°C to +85°C
DSS6NZ82A103p
10000pF+30%-30%
6A
100Vdc
-25
°C to +85°C
Continued on the following page.


Similar Part No. - DSS6NC52A471B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSS6NC52A471 MURATA-DSS6NC52A471 Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NC52A471 MURATA-DSS6NC52A471 Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
logo
Murata Manufacturing Co...
DSS6NC52A471Q54 MURATA1-DSS6NC52A471Q54 Datasheet
296Kb / 3P
   DS_6 is a compact, high performance lead type EMI suppression filter which can be mounted 2.54mm pitch.
08/17/2022
DSS6NC52A471Q54B MURATA1-DSS6NC52A471Q54B Datasheet
296Kb / 3P
   DS_6 is a compact, high performance lead type EMI suppression filter which can be mounted 2.54mm pitch.
08/17/2022
DSS6NC52A471Q55 MURATA1-DSS6NC52A471Q55 Datasheet
296Kb / 3P
   DS_6 is a compact, high performance lead type EMI suppression filter which can be mounted 2.54mm pitch.
Last updated08/17/2022
More results

Similar Description - DSS6NC52A471B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
NFA31CC220S1E4D MURATA-NFA31CC220S1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array
NFE61HT102F2A9L MURATA-NFE61HT102F2A9L Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
DSS6NC52A471Q55B MURATA-DSS6NC52A471Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series
NFM18PC105R0J3D MURATA-NFM18PC105R0J3D Datasheet
104Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM18PC225B0J3D MURATA-NFM18PC225B0J3D Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM21PC MURATA-NFM21PC Datasheet
100Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM31PC276B0J3L MURATA-NFM31PC276B0J3L Datasheet
54Kb / 1P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM18PC474R0J3D MURATA-NFM18PC474R0J3D Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com