Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188F51E104ZA01D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM188F51E104ZA01D
Description  ?180, 330mm Paper taping
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM188F51E104ZA01D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM188F51E104ZA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GRM188F51E104ZA01#
# indicates a package specification code.
< List of part numbers with package codes >
GRM188F51E104ZA01D , GRM188F51E104ZA01J
Shape
L size
1.6 ±0.1mm
W size
0.8 ±0.1mm
T size
0.8 ±0.1mm
External terminal width e
0.2 to 0.5mm
Distance between external terminals g
0.5mm min.
Size code in mm(inch)
1608 (0603)
Specifications
Capacitance
0.10µF +80/-20%
Rated voltage
25Vdc
Temperature characteristics (complied standard)
Y5V(EIA)
Capacitance change rate
+22.0/-82.0%
Temperature range of temperature characteristics
-30 to 85℃
Operating temperature range
-30 to 85℃
References
Packaging
Specifications
Minimum quantity
D
φ180mm Paper taping
4000
J
φ330mm Paper taping
10000
Mass (typ.)
1 piece
6.3mg
φ180mm Reel
144g
1 of 1
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.co.jp/
Last updated: 2013/07/09


Similar Part No. - GRM188F51E104ZA01D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM188F51E104ZA01 ETC-GRM188F51E104ZA01 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
More results

Similar Description - GRM188F51E104ZA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1555C1H120JA01D MURATA-GRM1555C1H120JA01D Datasheet
98Kb / 2P
   ?180, 330mm Paper taping
GQM1885C1H470GB01D MURATA-GQM1885C1H470GB01D Datasheet
85Kb / 2P
   ?180, 330mm Paper taping
GRM1882C1H101JA01D MURATA-GRM1882C1H101JA01D Datasheet
84Kb / 2P
   ?180, 330mm Paper taping
GRM155R60J334KE01D MURATA-GRM155R60J334KE01D Datasheet
92Kb / 2P
   ?180, 330mm Paper taping
GRM188R72A471KA01D MURATA-GRM188R72A471KA01D Datasheet
94Kb / 2P
   ?180, 330mm Paper taping
GRM155R71H472KA01D MURATA-GRM155R71H472KA01D Datasheet
93Kb / 2P
   ?180, 330mm Paper taping
GRM1555C1H331JA01D MURATA-GRM1555C1H331JA01D Datasheet
87Kb / 2P
   ?180, 330mm Paper taping
GRM1885C1H102JA01D MURATA-GRM1885C1H102JA01D Datasheet
84Kb / 2P
   ?180, 330mm Paper taping
GRM1557U1H101JZ01D MURATA-GRM1557U1H101JZ01D Datasheet
45Kb / 1P
   ?180, 330mm Paper taping
GRM1555C1E2R3CZ01D MURATA-GRM1555C1E2R3CZ01D Datasheet
45Kb / 1P
   ?180, 330mm Paper taping
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com