Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMDJ58A Datasheet(PDF) 3 Page - Littelfuse

Part # 5.0SMDJ58A
Description  Transient Voltage Suppression Diodes Surface Mount ??5000W > 5.0SMDJ series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5.0SMDJ58A Datasheet(HTML) 3 Page - Littelfuse

  5.0SMDJ58A Datasheet HTML 1Page - Littelfuse 5.0SMDJ58A Datasheet HTML 2Page - Littelfuse 5.0SMDJ58A Datasheet HTML 3Page - Littelfuse 5.0SMDJ58A Datasheet HTML 4Page - Littelfuse 5.0SMDJ58A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Revision: November 15, 2011, 16:49
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
3
Surface Mount – 5000W > 5.0SMDJ series
5.0SMDJ Series
Please refer to http://www.Littelfuse.com/series/5.0SSMDJ.html for current information.
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
t
d-Pulse Width (Sec.)
0.0000001
0.31x0.31" (8.0x8.0mm)
Copper Pad Area
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
0
20
40
60
80
100
0255075
100
125
150
175
T
j-Initial temperature (ºC)
1
10
100
1000
10000
100000
1.0
10.0100.0
1000.0
V
BR - Reverse Breakdown Voltage (V)
Bi-directional @ VR
Uni-directional V= OV
Bi-directional V= OV
Uni-directional @ VR
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0255075
100
125
150
175
T
A-Ambient Temperature (ºC)
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Peak Pulse Power or Current Derating Curve
vs Initial Junction Temperature
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
110
100
Number of Cycles at 60 Hz
0
50
100
150
200
250
300
350
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional Only


Similar Part No. - 5.0SMDJ58A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ58A MDE-5.0SMDJ58A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Alpha & Omega Semicondu...
5.0SMDJ58A AOSMD-5.0SMDJ58A Datasheet
702Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.2.2 July 2021
logo
Goodwork Semiconductor ...
5.0SMDJ58A GWSEMI-5.0SMDJ58A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
5.0SMDJ58A ANOVA-5.0SMDJ58A Datasheet
289Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
5.0SMDJ58A LITTELFUSE-5.0SMDJ58A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 5.0SMDJ58A

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
5.0SMCJ FUTUREWAFER-5.0SMCJ Datasheet
1Mb / 12P
   5000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
5KP FUTUREWAFER-5KP Datasheet
969Kb / 10P
   5000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
   5000W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
   5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Littelfuse
SMAJ30A LITTELFUSE-SMAJ30A Datasheet
685Kb / 6P
   Transient Voltage Suppression Diodes Surface Mount ??400W > SMAJ series
SMF8.5A LITTELFUSE-SMF8.5A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes Surface Mount ??200W > SMF Series
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
logo
Bourns Electronic Solut...
5-0SMDJ BOURNS-5-0SMDJ Datasheet
202Kb / 6P
   5.0SMDJ Transient Voltage Suppressor Diode Series
REV. 03/20
logo
UN Semiconducctor INC
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com