Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSS100M63V5X11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSS100M63V5X11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSS100M63V5X11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSS100M63V5X11F Datasheet HTML 1Page - NIC-Components Corp. NRSS100M63V5X11F Datasheet HTML 2Page - NIC-Components Corp. NRSS100M63V5X11F Datasheet HTML 3Page - NIC-Components Corp. NRSS100M63V5X11F Datasheet HTML 4Page - NIC-Components Corp. NRSS100M63V5X11F Datasheet HTML 5Page - NIC-Components Corp. NRSS100M63V5X11F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, NEW REDUCED CASE
SIZING (FURTHER REDUCED FROM NRSA SERIES)
EXPANDED TAPING AVAILABILITY
NRSS Series
CHARACTERISTICS
NRSA
NRSS
(today’s standard)
(reduced sizes)
Rated Voltage Range
6.3 ~ 100Vdc
Capacitance Range
1.0 ~ 15,000
μF
Operating Temperature Range
-40 ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current @ +20°C
After 1 min.
0.03CV or 4
μA, whichever is greater
After 2 min.
0.01CV or 3
μA, whichever is greater
Max. Tan
δ @ 120Hz/+20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
C < 1,000
μF
0.28
0.24
0.20
0.18
0.14
0.12
0.10
0.08
C = 2,200
μF
0.30
0.26
0.22
0.20
0.16
0.14
-
-
C = 3,300
μF
0.32
0.28
0.24
0.22
0.18
0.18
-
-
C = 4,700
μF
0.34
0.30
0.26
0.24
0.20
-
-
-
C = 6,800
μF
0.38
0.34
0.30
0.28
----
C = 10,000
μF
0.46
0.42
0.38
-
----
C = 15,000
μF
0.56
0.52
-
-
----
Low Temperature Stability
Inpedance Ratio @ 120Hz
Z-25°C/Z+20°C
54322222
Z-40°C/Z+20°C
12
10
854444
Load Life Test at Rated W.V.
+85°C 2,000 Hours
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
85°C 1,000 Hours
No Load
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
LEAD SPACING AND DIAMETER (mm)
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
β = L < 20mm = 1.5mm, L > 20mm = 2.0mm
Cap.
(
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
1.0
1R0
-----
5x11
5x11
5x11
2.2
2R2
-----
5x11
5x11
5x11
3.3
3R3
-----
5x11
5x11
5x11
4.7
4R7
-
-
-
5x11
-
5x11
5x11
5x11
10
100
-
-
5x11
5x11
5x11
5x11
5x11
6.3x11
22
220
-
5x11
5x11
5x11
5x11
5x11
5x11
8x11.5
33
330
5x11
5x11
5x11
5x11
5x11
5x11
6.3x11
8x11.5
47
470
5x11
5x11
5x11
5x11
5x11
6.3x11
6.3x11
10x12.5
100
101
5x11
5x11
5x11
6.3x11
6.3x11
8x11.5
8x11.5
10x20
150
151
-
-
-
6.3x11
-
-
-
-
220
221
5x11
5x11
6.3x11
8x11.5
8x11.5
10x12.5
10x16
12.5x25
330
331
6.3x11
6.3x11
8x11.5
8x11.5
10x12.5
10x16
10x20
12.5x25
470
471
6.3x11
6.3x11
8x11.5
10x12.5
10x16
10x20
12.5x20
16x25
1,000
102
8x11.5
10x12.5
10x16
10x20
12.5x20
12.5x25
16x25
-
2,200
222
10x16
10x20
12.5x20
12.5x25
16x25
16x31.5
--
3,300
332
10x20
12.5x20
12.5x25
16x25
16x31.5
18x35.5
--
4,700
472
12.5x20
12.5x25
16x25
16x31.5
18x35.5
---
6,800
682
12.5x25
16x25
16x31.5
18x35.5
----
10,000
103
16x25
16x31.5
18x35.5
-----
15,000
153
16x35.5
18x35.5
------
Case Dia. (D
φ)
5
6.3
8
10
12.5
16
18
Lead Dia (d
φ)
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
0.5
0.5
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+
Expanded Values


Similar Part No. - NRSS100M63V5X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSS100M63V5X11F NIC-NRSS100M63V5X11F Datasheet
94Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSS100M63V5X11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com