Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCM1885C2A471JA16D Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # GCM1885C2A471JA16D
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM1885C2A471JA16D Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button GCM1885C2A471JA16D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCM1885C2A471JA16D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCM1885C2A471JA16D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCM1885C2A471JA16D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM1885C2A471JA16D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM1885C2A471JA16D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCM1885C2A471JA16D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCM1885C2A471JA16D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GCM1885C2A471JA16D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
Capacitance Table
0.6×
0.3
L×W (mm)
0.33
T max. (mm)
Rated Voltage (Vdc)
25
C0G
1.0×
0.5
0.55
50
C0G
0.7
100
C0G
50
C0G
0.95
50
C0G
1.0
250
U2J
1.4
50
C0G
1.45
250
U2J
0.95
100
C0G
50
C0G
1000
U2J
1.0
630
U2J
250
U2J
1000
U2J
1.25
630
U2J
250
U2J
50
C0G
1000
U2J
1.8
630
U2J
3.2×2.5
1.0
630
U2J
1.25
1000
U2J
630
U2J
1.5
1000
U2J
630
U2J
1.6×0.8
2.0×1.25
3.2×1.6
0.9
100
C0G
50
C0G
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
Cap. / TC Code
1.0pF
2.0pF
3.0pF
4.0pF
5.0pF
6.0pF
7.0pF
8.0pF
9.0pF
10pF
12pF
15pF
18pF
22pF
27pF
33pF
39pF
47pF
56pF
68pF
82pF
100pF
120pF
150pF
180pF
220pF
270pF
330pF
390pF
470pF
560pF
680pF
820pF
1000pF
1200pF
1500pF
1800pF
2200pF
2700pF
3300pF
3900pF
4700pF
5600pF
6800pF
8200pF
10000pF
12000pF
15000pF
18000pF
22000pF
27000pF
33000pF
39000pF
47000pF
56000pF
c GCM Series Temperature Compensating Type
p00
Part Number List
C0G U2J
EIA:
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
6


Similar Part No. - GCM1885C2A471JA16D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM1885C2A471JA16 MURATA-GCM1885C2A471JA16 Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
GCM1885C2A471JA16 MURATA1-GCM1885C2A471JA16 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCM1885C2A471JA16D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com