Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812L1256 Datasheet(PDF) 2 Page - Littelfuse

Part # 1812L1256
Description  POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L1256 Datasheet(HTML) 2 Page - Littelfuse

  1812L1256 Datasheet HTML 1Page - Littelfuse 1812L1256 Datasheet HTML 2Page - Littelfuse 1812L1256 Datasheet HTML 3Page - Littelfuse 1812L1256 Datasheet HTML 4Page - Littelfuse 1812L1256 Datasheet HTML 5Page - Littelfuse 1812L1256 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
40
Revised: June 3, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
Surface Mount > 1812L Series
1812L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1812L.html for current information.
Ambient Operation Temperature
Part Number
Hold Current (A)
1812L010
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.03
1812L010/60
0.14
0.13
0.11
0.10
0.09
0.08
0.07
0.07
0.05
1812L014
0.23
0.19
0.17
0.14
0.12
0.10
0.09
0.08
0.06
1812L020
0.29
0.26
0.23
0.20
0.17
0.15
0.14
0.12
0.10
1812L020/60
0.30
0.27
0.23
0.20
0.17
0.14
0.13
0.11
0.08
1812L035/30
0.50
0.45
0.40
0.35
0.30
0.26
0.24
0.20
0.16
1812L050
0.77
0.68
0.59
0.50
0.44
0.40
0.37
0.33
0.29
1812L050/30
0.77
0.68
0.59
0.50
0.44
0.40
0.37
0.33
0.29
1812L075
1.15
1.01
0.88
0.75
0.65
0.60
0.55
0.49
0.43
1812L075/24
1.06
0.95
0.84
0.75
0.60
0.55
0.50
0.45
0.37
1812L075/33
1.10
1.00
0.88
0.75
0.66
0.60
0.56
0.47
0.36
1812L110
1.59
1.43
1.26
1.10
0.95
0.87
0.80
0.71
0.60
1812L110/16
1.58
1.43
1.27
1.10
0.95
0.85
0.77
0.71
0.58
1812L110/24
1.55
1.40
1.25
1.10
0.93
0.83
0.73
0.63
0.50
1812L110/33
1.55
1.40
1.25
1.10
0.93
0.83
0.73
0.63
0.50
1812L125/6
2.00
1.75
1.52
1.25
1.00
0.95
0.90
0.75
0.53
1812L125/16
2.00
1.75
1.52
1.25
1.00
0.95
0.90
0.75
0.53
1812L150
2.06
1.93
1.79
1.50
1.28
1.10
1.02
0.80
0.68
1812L150/12
2.04
1.88
1.68
1.50
1.25
1.10
1.00
0.80
0.60
1812L150/24
2.05
1.87
1.67
1.50
1.25
1.08
0.95
0.77
0.60
1812L160
2.20
2.06
1.91
1.60
1.36
1.17
1.09
0.85
0.72
1812L160/12
2.20
2.06
1.91
1.60
1.36
1.17
1.09
0.85
0.72
1812L200TH
2.60
2.44
2.22
2.00
1.67
1.50
1.45
1.29
1812L200/12
2.82
2.60
2.36
2.00
1.74
1.44
1.40
1.20
1.00
1812L260TH
3.40
3.16
3.00
2.60
2.30
2.15
2.00
1.85
1.63
1812L260/12
3.40
3.16
3.00
2.60
2.30
2.15
2.00
1.85
1.63
1812L300
4.13
3.75
3.30
3.00
2.61
2.43
2.25
2.00
1.78
Temperature Rerating
Temperature Rerating Curve
-40 -30 -20
-10
0
10
20
30
40
5060
70
80 85
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Environmental Specifications
Operating/Storage Temp.
Max. Device Surface Temp.
in Tripped State
Passive Aging
Humidity Aging
Thermal Shock
Solvent Resistance
Vibration
Moisture Level Sesitivity
Physical Specifications
Terminal Material
Lead Solderability


Similar Part No. - 1812L1256

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L1256 LITTELFUSE-1812L1256 Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L1256 LITTELFUSE-1812L1256 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L1256 LITTELFUSE-1812L1256 Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
1812L1256 LITTELFUSE-1812L1256 Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
More results

Similar Description - 1812L1256

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
0603L025YR LITTELFUSE-0603L025YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
0603L035YR LITTELFUSE-0603L035YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com