Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG2145 Datasheet(PDF) 4 Page - Littelfuse

Part # CG2145
Description  Gas Discharge Tube (GDT) Products CG/CG2 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG2145 Datasheet(HTML) 4 Page - Littelfuse

  CG2145 Datasheet HTML 1Page - Littelfuse CG2145 Datasheet HTML 2Page - Littelfuse CG2145 Datasheet HTML 3Page - Littelfuse CG2145 Datasheet HTML 4Page - Littelfuse CG2145 Datasheet HTML 5Page - Littelfuse CG2145 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Gas Discharge Tube (GDT) Products
©2013 Littelfuse, Inc.
Revised: January 10, 2013
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG/CG2 Series
CG/CG2 Series
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Soldering Parameters - Wave Soldering (Thru-Hole Devices)
Soldering Parameters - Hand Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
280
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Process Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.


Similar Part No. - CG2145

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG2145 LITTELFUSE-CG2145 Datasheet
232Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2145 LITTELFUSE-CG2145 Datasheet
780Kb / 6P
   Rugged Ceramic-Metal construction Low Capacitance Instrumentation circuits
CG2145 LITTELFUSE-CG2145 Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
logo
List of Unclassifed Man...
CG2145L ETC2-CG2145L Datasheet
322Kb / 4P
   TWO ELECTRODE SURGE ARRESTERS
logo
Littelfuse
CG2145LLSTR LITTELFUSE-CG2145LLSTR Datasheet
232Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
More results

Similar Description - CG2145

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG75MS LITTELFUSE-CG75MS Datasheet
232Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG90L LITTELFUSE-CG90L Datasheet
214Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG90LTR LITTELFUSE-CG90LTR Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG90MS LITTELFUSE-CG90MS Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG2800LTR LITTELFUSE-CG2800LTR Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG21000MS LITTELFUSE-CG21000MS Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG2800L LITTELFUSE-CG2800L Datasheet
232Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
CG90LSTR LITTELFUSE-CG90LSTR Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products CG/CG2 Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com