Selected language     English  â–Ľ


A-1.5W-K Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part No. A-1.5W-K
Description  MINIATURE RELAY 2 POLES—1 to 2 A (FOR SIGNAL SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

   
 1 page
background image
(a)
SeriesName
A :ASeries
(b)
OperationFunction
Nil:Standardtype
L :Latchingtype
(c)
NumberofCoil
Nil:Singlewindingtype
D :Doublewindingtype
(d)
NominalVoltage
RefertotheCOILDATACHART
(e)
Contact
W :Bifurcatedtype
(f)
Enclosure
K :Plasticsealedtype
(g)
CoilSensitivity
Nil:Standard
HA:75%mustvoltageoperate
n
FEATURES
l
Extremely low profile and light weight
—Height:5mm
—Weight:approximately1.2g
l
MeetFCC(Part68)standard
l
ConformstoFCCrulesandregulationspart68
—Surgestrength1,500V
l
Highreliability—bifurcatedcontacts
l
Wideoperatingrange
l
DILpitchterminals
l
Plasticsealedtype
l
Latchingversionavailable
l
RoHScompliantsincedatecode:0437B8
Pleaseseepage7formoreinformation
n
ORDERING INFORMATION
A
L – D 12 W – K - HA
[Example]
(a) (b) (*) (c) (d) (e)(f)(g)
A SERIES
MINIATURE RELAY
2 POLES—1 to 2 A (FOR SIGNAL SWITCHING)
1
RoHS compliant
Note:Actualmarkingomitsthehyphen(-)of(*)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl