Selected language     English  â–Ľ


A-1.5W-K Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part No. A-1.5W-K
Description  MINIATURE RELAY 2 POLES—1 to 2 A (FOR SIGNAL SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

   
 3 page
background image
3
A SERIES
n
SPECIFICATIONS
Standard Type
Single Winding Latching Type Double Winding Latching Type
Item
A-( ) W-K
AL-( ) W-K
AL-D ( ) W-K
Contact
Arrangement
2formC(DPDT)
Material
Goldoverlaysilveralloy
Resistance (initial)
Maximum 50 mΩ (at 1 A 6 VDC)
Rating(resistive)
0.5A125VACor1A30VDC
MaximumCarryingCurrent
2A
MaximumSwitchingPower
62.5AV/30W
MaximumSwitchingVoltage
125VAC,110VDC
MaximumSwitchingCurrent
2A
MinimumSwitchingLoad*1
0.01mA10mVDC
Capacitance
Approximately 0.5 pF (between open contacts, adjacent contacts)
Approximately1.0pF(betweencoilandcontacts)
Coil
NominalPower(at20°C)
140to300mW100to150mW 200to300mW
OperatePower(at20°C)
80to170W60to85mW
150to170mW
Operating Temperature
–40°C to +85°C (no frost) (refer to the CHARACTERISTIC DATA)
TimeValue Operate(atnominalvoltage) Maximum6msMaximum6ms(set)
Release(atnominalvoltage) Maximum4msMaximum6ms(reset)
Life
Mechanical
1Ă—108ops.minimum1Ă—107ops.minimum
Electrical
2Ă—105ops.min.(0.5A125VAC),5Ă—105ops.min.(1A30VDC)
Other
VibrationMisoperation
10to55Hz(doubleamplitudeof3.3mm)
ResistanceEndurance
10to55Hz(doubleamplitudeof5.0mm)
ShockMisoperation
500m/s2(11±1ms)
ResistanceEndurance
1,000m/s2(6±1ms)
Weight
Approximately1.2g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
beforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand
expectedreliabilitylevels.
Type
Compliance
Contactrating
UL
UL478,UL508
E45026
Flammability:UL94-V0(plastics)
0.5A,125VAC(Generaluse)
2A,30VDC(resistive)
0.3A,110VDC(resistive)
CSA
C22.2No.14
LR35579
n
SAFETY STANDARD AND FILE NUMBERS
Item
Resistance(initial)
Minimum 1,000 MΩ (500VDC)
Dielectric
Strength
opencontacts
1,000VAC1min.
coilandcontacts
adjacent contacts
1,000VAC1min.
SurgeVoltage
1500V(coil-contact)(10/160µsstandardwave)
n
INSULATION




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl