Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210Y152BXQCW1MC Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 1210Y152BXQCW1MC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1210Y152BXQCW1MC Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 1210Y152BXQCW1MC Datasheet HTML 3Page - Vishay Siliconix 1210Y152BXQCW1MC Datasheet HTML 4Page - Vishay Siliconix 1210Y152BXQCW1MC Datasheet HTML 5Page - Vishay Siliconix 1210Y152BXQCW1MC Datasheet HTML 6Page - Vishay Siliconix 1210Y152BXQCW1MC Datasheet HTML 7Page - Vishay Siliconix 1210Y152BXQCW1MC Datasheet HTML 8Page - Vishay Siliconix 1210Y152BXQCW1MC Datasheet HTML 9Page - Vishay Siliconix 1210Y152BXQCW1MC Datasheet HTML 10Page - Vishay Siliconix 1210Y152BXQCW1MC Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 27-Mar-13
7
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Letters indicate product thickness, see packaging quantities
(1) Not in 10 % (code “K”) tolerance
Notes
• Letters indicate product thickness, see packaging quantities
(1) Not in 10 % (code “K”) tolerance
SELECTION CHART
DIELECTRIC
X5R
STYLE
VJ0402
VJ0603
VJ0805
SIZE CODE
0402
0603
0805
VOLTAGE (VDC)
6.3 V
10 V
16 V
25 V
50 V
6.3 V
10 V
16 V
25 V
50 V
6.3 V
10 V
16 V
25 V
50 V
VOLTAGE CODE
Y
Q
J
X
A
Y
Q
J
X
A
Y
Q
J
X
A
CAP. CODE
CAP.
473
47 nF
N
563
56 nF
N
683
68 nF
N
N
823
82 nF
N
N
N
104
100 nF
N
N
N
N
124
120 nF
154
150 nF
N
N
184
180 nF
224
220 nF
N
N
N
N
X
X
274
270 nF
X
X
334
330 nF
N
N
X
X
X
394
390 nF
X
X
474
470 nF
N
N
X
X
X
564
560 nF
684
680 nF
N
N
X
X
X
824
820 nF
X
X
X
105
1.0 μF
N
N
N
X
X
X
X
X
155
1.5 μF
X
I
I
I
I
225
2.2 μF
N
N
X
X
X
X
I
I
I
I
335
3.3 μF
I
III
475
4.7 μF
E
X
X
X
I
I
I
I
106
10 μF
E
X' (1)
II
I
I (1)
226
22 μF
X' (1)
I (1)
I (1)
476
47 μF
I (1)
686
68 μF
107
100 μF
SELECTION CHART
DIELECTRIC
X5R
STYLE
VJ1206
VJ1210
SIZE CODE
1206
1210
VOLTAGE (VDC)
6.3 V
10 V
16 V
25 V
50 V
6.3 V
10 V
16 V
25 V
50 V
VOLTAGE CODE
Y
Q
J
X
A
Y
Q
J
X
A
CAP. CODE
CAP.
105
1.0 μF
155
1.5 μF
J
J
K
K
225
2.2 μF
J
J
P
K
K
335
3.3 μF
P
P
P
475
4.7 μF
P
P
P
P
P (1)
KK
K
685
6.8 μF
P
P
106
10 μF
P
P
P
P
K
K
K
M
226
22 μF
P
P
P
M
M
M
M (1)
476
47 μF
P (1)
P (1)
MM
M
107
100 μF
P (1)
M (1)
M (1)


Similar Part No. - 1210Y152BXQCW1MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1210Y152BXQCW1BC VISHAY-1210Y152BXQCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 1210Y152BXQCW1MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A103GXJTW1BC VISHAY-VJ0805A103GXJTW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJW1BC VISHAY-VJW1BC Datasheet
163Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 01-Jul-16
VJ0402G104KXQCW1BC VISHAY-VJ0402G104KXQCW1BC Datasheet
220Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y105KXQTW1BC VISHAY-VJ0805Y105KXQTW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJ1206Y102KXACW1BC VISHAY-VJ1206Y102KXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y105KXJTW1BC VISHAY-VJ0805Y105KXJTW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ1206Y104KXACW1BC VISHAY-VJ1206Y104KXACW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJW1BC VISHAY-VJW1BC_V01 Datasheet
151Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
01-Jan-2023
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com