Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1BZ-10DP-2.5DS Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # DF1BZ-10DP-2.5DS
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DF1BZ-10DP-2.5DS Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button DF1BZ-10DP-2.5DS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DF1BZ-10DP-2.5DS Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DF1BZ-10DP-2.5DS Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DF1BZ-10DP-2.5DS Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DF1BZ-10DP-2.5DS Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DF1BZ-10DP-2.5DS Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DF1BZ-10DP-2.5DS Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DF1BZ-10DP-2.5DS Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DF1BZ-10DP-2.5DS Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
B189
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
s Single Row Right Angle Pin Header
K Board Through-hole Diameter:Ø1.1+0+0.1
Unit: mm
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The 4 and 6 contact connector contains the concave portion to prevent miss-insertion in the center at one point, which is
different from the above figure.
Part Number
DF1BZ- 2P-2.5DS
DF1BZ- 3P-2.5DS
DF1BZ- 4P-2.5DS
DF1BZ- 5P-2.5DS
DF1BZ- 6P-2.5DS
DF1BZ- 7P-2.5DS
DF1BZ- 8P-2.5DS
DF1BZ- 9P-2.5DS
DF1BZ-10P-2.5DS
DF1BZ-11P-2.5DS
DF1BZ-12P-2.5DS
DF1BZ-13P-2.5DS
DF1BZ-14P-2.5DS
DF1BZ-15P-2.5DS
DF1BZ-16P-2.5DS
DF1BZ-18P-2.5DS
DF1BZ-20P-2.5DS
Tin plated
Gold plated
CL No.
CL541-2034-0
CL541-2035-2
CL541-2036-5
CL541-2037-8
CL541-2038-0
CL541-2039-3
CL541-2040-2
CL541-2041-5
CL541-2042-8
CL541-2043-0
CL541-2044-3
CL541-2045-6
CL541-2046-9
CL541-2047-1
CL541-2048-4
CL541-2049-7
CL541-2050-6
Part Number
DF1B- 2P-2.5DS(01)
DF1B- 3P-2.5DS(01)
DF1B- 4P-2.5DS(01)
DF1B- 5P-2.5DS(01)
DF1B- 6P-2.5DS(01)
DF1B- 7P-2.5DS(01)
DF1B- 8P-2.5DS(01)
DF1B- 9P-2.5DS(01)
DF1B-10P-2.5DS(01)
_________
DF1B-12P-2.5DS(01)
_________
DF1B-14P-2.5DS(01)
DF1B-15P-2.5DS(01)
DF1B-16P-2.5DS(01)
DF1B-18P-2.5DS(01)
DF1B-20P-2.5DS(01)
CL No.
541-0225-7-01
541-0226-0-01
541-0227-2-01
541-0228-5-01
541-0229-8-01
541-0230-7-01
541-0231-0-01
541-0232-2-01
541-0233-5-01
_________
541-0235-0-01
_________
541-0237-6-01
541-0238-9-01
541-0239-1-01
541-0240-0-01
541-0241-3-01
Number of Contacts
2
3
4
5
6
7
8
9
10
_________
12
_________
14
15
16
18
20
A
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
___
27.5
___
32.5
35.0
37.5
42.5
47.5
B
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
___
32.5
___
37.5
40.0
42.5
47.5
52.5
RoHS
YES


Similar Part No. - DF1BZ-10DP-2.5DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1BZ-10DP-2.5DS HIROSE-DF1BZ-10DP-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1BZ-10DP-2.5DSA HIROSE-DF1BZ-10DP-2.5DSA Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results

Similar Description - DF1BZ-10DP-2.5DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com