Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ-B12VMSE-KHV-UC Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LZ-B12VMSE-KHV-UC
Description  POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LZ-B12VMSE-KHV-UC Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LZ-B12VMSE-KHV-UC Datasheet HTML 1Page - Lite-On Technology Corporation LZ-B12VMSE-KHV-UC Datasheet HTML 2Page - Lite-On Technology Corporation LZ-B12VMSE-KHV-UC Datasheet HTML 3Page - Lite-On Technology Corporation LZ-B12VMSE-KHV-UC Datasheet HTML 4Page - Lite-On Technology Corporation LZ-B12VMSE-KHV-UC Datasheet HTML 5Page - Lite-On Technology Corporation LZ-B12VMSE-KHV-UC Datasheet HTML 6Page - Lite-On Technology Corporation LZ-B12VMSE-KHV-UC Datasheet HTML 7Page - Lite-On Technology Corporation LZ-B12VMSE-KHV-UC Datasheet HTML 8Page - Lite-On Technology Corporation LZ-B12VMSE-KHV-UC Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FTR-K1 SERIES
n
FEATURES
l
UL, CSA, SEV recognized
l
Contact rating types - Low level to 10 amps switching
l
Standard and high sensitivity types available
l
High surge strength version available
l
UL class B (130°C) insulation type available (only plastic sealed type)
l
Printed circuit terminals - 0.1" grid pitch
l
Plastic sealed type, RTIII
l
RoHS compliant.
Please see page 9 for more information
POWER RELAY
1 POLE - 1/3/5/10A Medium Load Control
LZ Series
n
PARTNUMBER INFORMATION
LZ - B 12 H M S E - K HV - UC
[Example]
(a)
(b) (c) (d) (e) (f) (g)
(h) (i)
(j)
(a)
Relay type
LZ
: LZ Series
(b)
Coil wire class
Nil
: Standard type
B
: UL class B insulation type (130
°C)
(c)
Coil rated voltage
12
: 1.5....100VDC
Coil rating table at page 3
(d)
Contact type
Nil
: 3A
H
: 5A
V
: 10A (standard coil power only)
W
: 1A (bifurcated contact)
(e)
Contact configuration
Nil
: 1 form C (SPDT)
M
: 1 form A (SPST-NO)
(f)
Coil type
Nil
: Standard type (450-600mW)
S
: High sensitive type (300mW)
(g)
Contact material
Nil
: Gold overlay silver-palladium (1A) (only LZ-W)
Nil
: Gold overlay silver-nickel (3A, 5A)
Nil
: Silver alloy (10A) (only LZ-V) (contains cadmium)
E
: Silver-nickel (3A, 5A)
(h)
Enclosure
Nil
: Flux proof type, RTII
K
: Plastic sealed type (recommended for new designs) RTIII
C
: Plastic sealed type (with tape) RTIII
(i)
Surge strength
Nil
: Standard type (4,000V)
HV
: High surge strength type (6,000V)
(j)
Approvals
UC
: UL, CSA approved type


Similar Part No. - LZ-B12VMSE-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
LZ-B12VMSE-KHV-UC FUJITSU-LZ-B12VMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-B12VMSE-KHV-UC LITEON-LZ-B12VMSE-KHV-UC Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
More results

Similar Description - LZ-B12VMSE-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
logo
Lite-On Technology Corp...
JY-12H-K LITEON-JY-12H-K Datasheet
368Kb / 8P
   POWER RELAY 1 POLE - 3, 5A Medium Load Control JY Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com