Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGT1S3N60A4DS9A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HGT1S3N60A4DS9A
Description  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S3N60A4DS9A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HGT1S3N60A4DS9A Datasheet HTML 1Page - Fairchild Semiconductor HGT1S3N60A4DS9A Datasheet HTML 2Page - Fairchild Semiconductor HGT1S3N60A4DS9A Datasheet HTML 3Page - Fairchild Semiconductor HGT1S3N60A4DS9A Datasheet HTML 4Page - Fairchild Semiconductor HGT1S3N60A4DS9A Datasheet HTML 5Page - Fairchild Semiconductor HGT1S3N60A4DS9A Datasheet HTML 6Page - Fairchild Semiconductor HGT1S3N60A4DS9A Datasheet HTML 7Page - Fairchild Semiconductor HGT1S3N60A4DS9A Datasheet HTML 8Page - Fairchild Semiconductor HGT1S3N60A4DS9A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
HGT1S3N60A4DS, HGTP3N60A4D Rev. B
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. FALL TIME vs COLLECTOR TO EMITTER
CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
12
16
2
1
3456
8
4
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
RG = 50Ω, L = 1mH, VCE = 390V
TJ = 25
oC, T
J = 125
oC, V
GE = 12V
ICE, COLLECTOR TO EMITTER CURRENT (A)
4
8
20
16
12
24
32
28
3
2
456
1
TJ = 25
oC OR T
J = 125
oC, V
GE = 15V
RG = 50Ω, L = 1mH, VCE = 390V
TJ = 25
oC OR T
J = 125
oC, V
GE = 12V
64
48
56
ICE, COLLECTOR TO EMITTER CURRENT (A)
112
80
96
72
2
13
4
5
6
88
104
RG = 50Ω, L = 1mH, VCE = 390V
VGE = 12V, TJ = 25
oC
VGE = 15V, TJ = 25
oC
VGE = 15V, TJ = 125
oC
VGE = 12V, TJ = 125
oC
ICE, COLLECTOR TO EMITTER CURRENT (A)
48
40
64
80
56
72
88
96
2
13
4
5
6
TJ = 125
oC, V
GE = 12V OR 15V
TJ = 25
oC, V
GE = 12V OR 15V
RG = 50Ω, L = 1mH, VCE = 390V
0
8
12
46
8
10
14
VGE, GATE TO EMITTER VOLTAGE (V)
12
16
20
4
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 10V
TJ = 125
oC
TJ = -55
oC
TJ = 25
oC
QG, GATE CHARGE (nC)
2
14
0
4
10
6
8
12
16
4
8
12
16
24
20
28
0
VCE = 600V
VCE = 400V
VCE = 200V
IG(REF) = 1mA, RL = 100Ω, TJ = 25
oC
HGT1S3N60A4DS, HGTP3N60A4D


Similar Part No. - HGT1S3N60A4DS9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results

Similar Description - HGT1S3N60A4DS9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com