Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP7N60A4 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HGTP7N60A4
Description  600V, SMPS Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP7N60A4 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HGTP7N60A4 Datasheet HTML 1Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 2Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 3Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 4Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 5Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 6Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 7Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
HGT1S7N60A4S9A, HGTG7N60A4, HGTP7N60A4 Rev. B1
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
ALL TYPES
UNITS
Collector to Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BVCES
600
V
Collector Current Continuous
At TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C25
34
A
At TC = 110
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C110
14
A
Collector Current Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ICM
56
A
Gate to Emitter Voltage Continuous. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGES
±20
V
Gate to Emitter Voltage Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGEM
±30
V
Switching Safe Operating Area at TJ = 150
oC, Figure 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . SSOA
35A at 600V
Single Pulse Avalanche Energy at TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . E
AS
25mJ at 7A
Power Dissipation Total at TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
125
W
Power Dissipation Derating TC > 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.0
W/oC
Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Lead Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Tech Brief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TPKG
300
260
oC
oC
CAUTION: Stresses above those listed in “Device Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. Pulse width limited by maximum junction temperature.
Electrical Specifications
TJ = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector to Emitter Breakdown Voltage
BVCES
IC = 250µA, VGE = 0V
600
-
-
V
Emitter to Collector Breakdown Voltage
BVECS
IC = -10mA, VGE = 0V
20
-
-
V
Collector to Emitter Leakage Current
ICES
VCE = 600V
TJ = 25
oC
-
-
250
µA
TJ = 125
oC-
-
2
mA
Collector to Emitter Saturation Voltage
VCE(SAT)
IC = 7A,
VGE = 15V
TJ = 25
oC-
1.9
2.7
V
TJ = 125
oC-
1.6
2.2
V
Gate to Emitter Threshold Voltage
VGE(TH)
IC = 250µA, VCE = 600V
4.5
5.9
7.0
V
Gate to Emitter Leakage Current
IGES
VGE = ±20V
-
-
±250
nA
Switching SOA
SSOA
TJ = 150
oC, R
G = 25Ω, VGE = 15V
L = 100
µH, VCE = 600V
35
-
-
A
Pulsed Avalanche Energy
EAS
ICE = 7A, L = 500µH25
-
-
mJ
Gate to Emitter Plateau Voltage
VGEP
IC = 7A, VCE = 300V
-
9.0
-
V
On-State Gate Charge
Qg(ON)
IC = 7A,
VCE = 300V
VGE = 15V
-
37
45
nC
VGE = 20V
-
48
60
nC
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 25
oC
ICE = 7A
VCE = 390V
VGE = 15V
RG = 25Ω
L = 1mH
Test Circuit (Figure 20)
-11
-
ns
Current Rise Time
trI
-11
-
ns
Current Turn-Off Delay Time
td(OFF)I
-
100
-
ns
Current Fall Time
tfI
-45
-
ns
Turn-On Energy (Note 2)
EON1
-55
-
µJ
Turn-On Energy (Note 2)
EON2
-
120
150
µJ
Turn-Off Energy (Note 3)
EOFF
-60
75
µJ
HGT1S7N60A4S9A, HGTG7N60A4, HGTP7N60A4


Similar Part No. - HGTP7N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP7N60A4 INTERSIL-HGTP7N60A4 Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGTP7N60A4 FAIRCHILD-HGTP7N60A4 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTP7N60A4D FAIRCHILD-HGTP7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTP7N60A4D INTERSIL-HGTP7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
logo
Fairchild Semiconductor
HGTP7N60A4D FAIRCHILD-HGTP7N60A4D Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGTP7N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTD3N60A4S INTERSIL-HGTD3N60A4S Datasheet
156Kb / 10P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
   600V, SMPS Series N-Channel IGBT
April 2000
HGTP12N60A4 INTERSIL-HGTP12N60A4 Datasheet
115Kb / 10P
   600V, SMPS Series N-Channel IGBT
May 1999
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com