Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1558H Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM1558H
Description  Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1558H Datasheet(HTML) 3 Page - Texas Instruments

  LM1558H Datasheet HTML 1Page - Texas Instruments LM1558H Datasheet HTML 2Page - Texas Instruments LM1558H Datasheet HTML 3Page - Texas Instruments LM1558H Datasheet HTML 4Page - Texas Instruments LM1558H Datasheet HTML 5Page - Texas Instruments LM1558H Datasheet HTML 6Page - Texas Instruments LM1558H Datasheet HTML 7Page - Texas Instruments LM1558H Datasheet HTML 8Page - Texas Instruments LM1558H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM1458, LM1558
www.ti.com
SNOSBU4D – APRIL 1998 – REVISED MARCH 2013
Electrical Characteristics
(1) (continued)
Parameter
Conditions
LM1558
LM1458
Units
Min
Typ
Max
Min
Typ
Max
Input Voltage Range
VS = ±15V
±12
±12
V
Common Mode
RS ≤ 10 kΩ
70
90
70
90
dB
Rejection Ratio
Supply Voltage
RS ≤ 10 kΩ
77
96
77
96
dB
Rejection Ratio
SCHEMATIC DIAGRAM
Numbers in parentheses are pin numbers for amplifier B.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1458 LM1558


Similar Part No. - LM1558H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1558H NSC-LM1558H Datasheet
124Kb / 6P
   Dual Operational Amplifier
logo
Texas Instruments
LM1558H TI1-LM1558H Datasheet
846Kb / 12P
[Old version datasheet]   Dual Operational Amplifier
LM1558H TI1-LM1558H Datasheet
843Kb / 12P
[Old version datasheet]   Dual Operational Amplifier
logo
National Semiconductor ...
LM1558H/883 NSC-LM1558H/883 Datasheet
124Kb / 6P
   Dual Operational Amplifier
logo
Texas Instruments
LM1558H/883 TI1-LM1558H/883 Datasheet
547Kb / 10P
[Old version datasheet]   LM1558QML Dual Operational Amplifier
More results

Similar Description - LM1558H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com