Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4864MX Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4864MX
Description  725mW Audio Power Amplifier with Shutdown Mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4864MX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4864MX Datasheet HTML 7Page - Texas Instruments LM4864MX Datasheet HTML 8Page - Texas Instruments LM4864MX Datasheet HTML 9Page - Texas Instruments LM4864MX Datasheet HTML 10Page - Texas Instruments LM4864MX Datasheet HTML 11Page - Texas Instruments LM4864MX Datasheet HTML 12Page - Texas Instruments LM4864MX Datasheet HTML 13Page - Texas Instruments LM4864MX Datasheet HTML 14Page - Texas Instruments LM4864MX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM4864
www.ti.com
SNAS109F – SEPTEMBER 1999 – REVISED MAY 2013
Typical Performance Characteristics for the LM4864LD
(1)
THD+N
THD+N
vs
vs
Frequency
Frequency
Figure 29.
Figure 30.
THD+N
THD+N
vs
vs
Power Out
Power Out
Figure 31.
Figure 32.
Output Power
Power Dissipation
vs
vs
Supply Voltage
Output Power
Figure 33.
Figure 34.
(1)
The NGY0010A package has its exposed-DAP soldered to an exposed 1.2in2 area of 1oz printed circuit board copper.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4864


Similar Part No. - LM4864MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4864MX/NOPB TI-LM4864MX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM4864 725mW Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4864MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4864 TI-LM4864 Datasheet
1Mb / 27P
[Old version datasheet]   LM4864 725mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
   350mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com