Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5112SDX Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5112SDX
Description  Tiny 7A MOSFET Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5112SDX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5112SDX Datasheet HTML 5Page - Texas Instruments LM5112SDX Datasheet HTML 6Page - Texas Instruments LM5112SDX Datasheet HTML 7Page - Texas Instruments LM5112SDX Datasheet HTML 8Page - Texas Instruments LM5112SDX Datasheet HTML 9Page - Texas Instruments LM5112SDX Datasheet HTML 10Page - Texas Instruments LM5112SDX Datasheet HTML 11Page - Texas Instruments LM5112SDX Datasheet HTML 12Page - Texas Instruments LM5112SDX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LM5112
www.ti.com
SNVS234B – SEPTEMBER 2004 – REVISED APRIL 2006
where
FSW = switching frequency of the MOSFET
(1)
For example, consider the MOSFET MTD6N15 whose gate charge specified as 30 nC for VGATE = 12V.
Therefore, the power dissipation in the driver due to charging and discharging of MOSFET gate capacitances at
switching frequency of 300 kHz and VGATE of 12V is equal to
PDRIVER = 12V x 30 nC x 300 kHz = 0.108W.
(2)
In addition to the above gate charge power dissipation, - transient power is dissipated in the driver during output
transitions. When either output of the LM5112 changes state, current will flow from VCC to VEE for a very brief
interval of time through the output totem-pole N and P channel MOSFETs. The final component of power
dissipation in the driver is the power associated with the quiescent bias current consumed by the driver input
stage and Under-voltage lockout sections.
Characterization of the LM5112 provides accurate estimates of the transient and quiescent power dissipation
components. At 300 kHz switching frequency and 30 nC load used in the example, the transient power will be 8
mW. The 1 mA nominal quiescent current and 12V VGATE supply produce a 12 mW typical quiescent power.
Therefore the total power dissipation
PD = 0.118 + 0.008 + 0.012 = 0.138W.
(3)
We know that the junction temperature is given by
TJ = PD x θJA + TA
(4)
Or the rise in temperature is given by
TRISE = TJ − TA = PD x θJA
(5)
For WSON-6 package, the integrated circuit die is attached to leadframe die pad which is soldered directly to the
printed circuit board. This substantially decreases the junction to ambient thermal resistance (
θJA). By providing
suitable means of heat dispersion from the IC to the ambient through exposed copper pad, which can readily
dissipate heat to the surroundings,
θJA as low as 40°C / Watt is achievable with the package. The resulting Trise
for the driver example above is thereby reduced to just 5.5 degrees.
Therefore TRISE is equal to
TRISE = 0.138 x 40 = 5.5°C
(6)
For MSOP-PowerPAD
θJA is typically 60°C/W.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5112


Similar Part No. - LM5112SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5112SDX TI-LM5112SDX Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112SDX TI1-LM5112SDX Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112SDX/NOPB TI-LM5112SDX/NOPB Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112SDX/NOPB TI1-LM5112SDX/NOPB Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
More results

Similar Description - LM5112SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
logo
Texas Instruments
LM5112 TI1-LM5112 Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
SM74101 TI-SM74101 Datasheet
1Mb / 23P
[Old version datasheet]   SM74101 Tiny 7A MOSFET Gate Driver
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
[Old version datasheet]   MOSFET Gate Driver
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
   MOSFET Gate Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Maxim Integrated Produc...
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com