Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117LDX-1.8 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM1117LDX-1.8
Description  800mA Low-Dropout Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117LDX-1.8 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM1117LDX-1.8 Datasheet HTML 5Page - Texas Instruments LM1117LDX-1.8 Datasheet HTML 6Page - Texas Instruments LM1117LDX-1.8 Datasheet HTML 7Page - Texas Instruments LM1117LDX-1.8 Datasheet HTML 8Page - Texas Instruments LM1117LDX-1.8 Datasheet HTML 9Page - Texas Instruments LM1117LDX-1.8 Datasheet HTML 10Page - Texas Instruments LM1117LDX-1.8 Datasheet HTML 11Page - Texas Instruments LM1117LDX-1.8 Datasheet HTML 12Page - Texas Instruments LM1117LDX-1.8 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LM1117-N, LM1117I
www.ti.com
SNOS412M – FEBRUARY 2000 – REVISED MARCH 2013
APPLICATION INFORMATION
EXTERNAL CAPACITORS/STABILITY
Input Bypass Capacitor
An input capacitor is recommended. A 10µF tantalum on the input is a suitable input bypassing for almost all
applications.
Adjust Terminal Bypass Capacitor
The adjust terminal can be bypassed to ground with a bypass capacitor (CADJ) to improve ripple rejection. This
bypass capacitor prevents ripple from being amplified as the output voltage is increased. At any ripple frequency,
the impedance of the CADJ should be less than R1 to prevent the ripple from being amplified:
1/(2
π*fRIPPLE*CADJ) < R1
(1)
The R1 is the resistor between the output and the adjust pin. Its value is normally in the range of 100-200
Ω. For
example, with R1 = 124
Ω and fRIPPLE = 120Hz, the CADJ should be > 11µF.
Output Capacitor
The output capacitor is critical in maintaining regulator stability, and must meet the required conditions for both
minimum amount of capacitance and ESR (Equivalent Series Resistance). The minimum output capacitance
required by the LM1117-N is 10µF, if a tantalum capacitor is used. Any increase of the output capacitance will
merely improve the loop stability and transient response. The ESR of the output capacitor should range between
0.3
Ω - 22Ω. In the case of the adjustable regulator, when the CADJ is used, a larger output capacitance (22µf
tantalum) is required.
OUTPUT VOLTAGE
The LM1117-N adjustable version develops a 1.25V reference voltage, VREF, between the output and the adjust
terminal. As shown in Figure 19, this voltage is applied across resistor R1 to generate a constant current I1. The
current IADJ from the adjust terminal could introduce error to the output. But since it is very small (60µA)
compared with the I1 and very constant with line and load changes, the error can be ignored. The constant
current I1 then flows through the output set resistor R2 and sets the output voltage to the desired level.
For fixed voltage devices, R1 and R2 are integrated inside the devices.
Figure 19. Basic Adjustable Regulator
LOAD REGULATION
The LM1117-N regulates the voltage that appears between its output and ground pins, or between its output and
adjust pins. In some cases, line resistances can introduce errors to the voltage across the load. To obtain the
best load regulation, a few precautions are needed.
Figure 20, shows a typical application using a fixed output regulator. The Rt1 and Rt2 are the line resistances. It
is obvious that the VLOAD is less than the VOUT by the sum of the voltage drops along the line resistances. In this
case, the load regulation seen at the RLOAD would be degraded from the data sheet specification. To improve
this, the load should be tied directly to the output terminal on the positive side and directly tied to the ground
terminal on the negative side.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM1117-N LM1117I


Similar Part No. - LM1117LDX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117LDX-1.8 NSC-LM1117LDX-1.8 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
LM1117LDX-1.8 NSC-LM1117LDX-1.8 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117LDX-1.8 TI1-LM1117LDX-1.8 Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117LDX-1.8 TI1-LM1117LDX-1.8 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117LDX-1.8 TI1-LM1117LDX-1.8 Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117LDX-1.8

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com