Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902N Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2902N
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2902N Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2902N Datasheet HTML 2Page - Texas Instruments LM2902N Datasheet HTML 3Page - Texas Instruments LM2902N Datasheet HTML 4Page - Texas Instruments LM2902N Datasheet HTML 5Page - Texas Instruments LM2902N Datasheet HTML 6Page - Texas Instruments LM2902N Datasheet HTML 7Page - Texas Instruments LM2902N Datasheet HTML 8Page - Texas Instruments LM2902N Datasheet HTML 9Page - Texas Instruments LM2902N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V,
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066T − SEPTEMBER 1975 − REVISED MARCH 2010
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA‡
LM124
LM224
LM324
LM324K
UNIT
PARAMETER
TEST CONDITIONS
TA‡
MIN
TYP §
MAX
MIN
TYP §
MAX
UNIT
V
Input offset voltage
VCC = 5 V to MAX,
25
°C
3
5
3
7
mV
VIO
Input offset voltage
VCC = 5 V to MAX,
VIC = VICRmin,
VO = 1.4 V
Full range
7
9
mV
I
Input offset current
V
14V
25
°C
2
30
2
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
100
150
nA
I
Input bias current
V
14V
25
°C
−20
−150
−20
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−300
−500
nA
25
°C
0 to
0 to
V
Common-mode
V
5VtoMAX
25
°C
0 to
VCC − 1.5
0 to
VCC − 1.5
V
VICR
Common-mode
input voltage range
VCC = 5 V to MAX
Full range
0 to
0 to
V
input voltage range
Full range
0 to
VCC − 2
0 to
VCC − 2
RL = 2 kΩ
25
°C
VCC − 1.5
VCC − 1.5
V
High-level
RL = 10 kΩ
25
°C
V
VOH
High-level
output voltage
V
MAX
RL = 2 kΩ
Full range
26
26
V
pg
VCC = MAX
RL ≥ 10 kΩ
Full range
27
28
27
28
VOL
Low-level
output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
A
Large-signal
differential voltage
VCC = 15 V, VO = 1 V to 11 V,
25
°C
50
100
25
100
V/mV
AVD
differential voltage
amplification
VCC = 15 V, VO = 1 V to 11 V,
RL ≥ 2 kΩ
Full range
25
15
V/mV
CMRR
Common-mode
rejection ratio
VIC = VICRmin
25
°C
70
80
65
80
dB
k
Supply-voltage
rejection ratio
25
°C
65
100
65
100
dB
kSVR
rejection ratio
(
∆VCC /∆VIO)
25
°C
65
100
65
100
dB
VO1/VO2
Crosstalk
attenuation
f = 1 kHz to 20 kHz
25
°C
120
120
dB
VCC = 15 V,
V
1V
Source
25
°C
−20
−30
−60
−20
−30
−60
CC
VID = 1 V,
VO = 0
Source
Full range
−10
−10
mA
IO
Output current
VCC = 15 V,
V
1V
Sink
25
°C
10
20
10
20
mA
O
p
CC
VID = −1 V,
VO = 15 V
Sink
Full range
5
5
VID = −1 V,
VO = 200 mV
25
°C
12
30
12
30
µA
IOS
Short-circuit
output current
VCC at 5 V,
GND at −5 V
VO = 0,
25
°C
±40
±60
±40
±60
mA
Supply current
VO = 2.5 V,
No load
Full range
0.7
1.2
0.7
1.2
ICC
Supply current
(four amplifiers)
VCC = MAX,
VO = 0.5 VCC,
No load
Full range
1.4
3
1.4
3
mA
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for
testing purposes is 26 V for LM2902 and 30 V for the others.
Full range is −55
°C to 125°C for LM124, −25°C to 85°C for LM224, and 0°C to 70°C for LM324.
§ All typical values are at TA = 25°C.


Similar Part No. - LM2902N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM2902N PHILIPS-LM2902N Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Texas Instruments
LM2902N TI-LM2902N Datasheet
690Kb / 27P
[Old version datasheet]   Quadruple operationl amplifiers
REVISED JANUARY 2005
logo
STMicroelectronics
LM2902N STMICROELECTRONICS-LM2902N Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
Tiger Electronic Co.,Lt...
LM2902N TGS-LM2902N Datasheet
243Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2902N FAIRCHILD-LM2902N Datasheet
139Kb / 12P
   Quad Operational Amplifier
2002 Rev. 1.0.4
More results

Similar Description - LM2902N

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com