Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603A102KXQMT Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 0603A102KXQMT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

0603A102KXQMT Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 0603A102KXQMT Datasheet HTML 6Page - Vishay Siliconix 0603A102KXQMT Datasheet HTML 7Page - Vishay Siliconix 0603A102KXQMT Datasheet HTML 8Page - Vishay Siliconix 0603A102KXQMT Datasheet HTML 9Page - Vishay Siliconix 0603A102KXQMT Datasheet HTML 10Page - Vishay Siliconix 0603A102KXQMT Datasheet HTML 11Page - Vishay Siliconix 0603A102KXQMT Datasheet HTML 12Page - Vishay Siliconix 0603A102KXQMT Datasheet HTML 13Page - Vishay Siliconix 0603A102KXQMT Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 06-May-13
10
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
RoHS-compliant
• Plastic tape
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
SELECTION CHART
DIELECTRIC
X7R
STYLE
VJ1808 (1)
VJ1812 (1)
VJ1825 (1)
CASE CODE
1808
1812
1825
VOLTAGE (VDC)
50
100
200
500 1000
25
50
100
200
250
500
630
1000
25
50
100
200
250
500
1000
VOLTAGE CODE
A
B
C
E
G
X
A
B
C
P
E
L
G
X
A
B
C
P
E
G
CAP. CODE
CAP.
121
120 pF
151
150 pF
181
180 pF
221
220 pF
271
270 pF
331
330 pF
391
390 pF
471
470 pF
561
560 pF
681
680 pF
821
820 pF
102
1.0 nF
122
1.2 nF
152
1.5 nF
182
1.8 nF
222
2.2 nF
272
2.7 nF
332
3.3 nF
392
3.9 nF
472
4.7 nF
562
5.6 nF
682
6.8 nF
822
8.2 nF
103
10 nF
123
12 nF
153
15 nF
183
18 nF
223
22 nF
273
27 nF
333
33 nF
393
39 nF
473
47 nF
563
56 nF
683
68 nF
823
82 nF
104
100 nF
124
120 nF
154
150 nF
184
180 nF
224
220 nF
274
270 nF
334
330 nF
394
390 nF
474
470 nF
564
560 nF
684
680 nF
824
820 nF
105
1.0 μF
125
1.2 μF
155
1.5 μF
185
1.8 μF
225
2.2 μF
275
2.7 μF
335
3.3 μF
395
3.9 μF
475
4.7 μF
565
5.6 μF
685
6.8 μF


Similar Part No. - 0603A102KXQMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
0603A102BXQCW1MC VISHAY-0603A102BXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
0603A102CXQCW1MC VISHAY-0603A102CXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
0603A102JXQCW1MC VISHAY-0603A102JXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 0603A102KXQMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com