Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV7271MGX Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV7271MGX
Description  Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7271MGX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV7271MGX Datasheet HTML 3Page - Texas Instruments LMV7271MGX Datasheet HTML 4Page - Texas Instruments LMV7271MGX Datasheet HTML 5Page - Texas Instruments LMV7271MGX Datasheet HTML 6Page - Texas Instruments LMV7271MGX Datasheet HTML 7Page - Texas Instruments LMV7271MGX Datasheet HTML 8Page - Texas Instruments LMV7271MGX Datasheet HTML 9Page - Texas Instruments LMV7271MGX Datasheet HTML 10Page - Texas Instruments LMV7271MGX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
1.5
2
2.5
3
3.5
4
4.5
VSUPPLY (V)
0
5
10
15
20
25
5
VOUT = LOW
85°C
25°C
-40°C
1.8
2.3
2.8
3.3
3.8
4.3
4.8
VSUPPLY (V)
0
100
200
300
400
500
600
ISOURCE
4mA
2mA
1.5mA
0.5mA
1.5
2
2.5
3
3.5
4
4.5
VSUPPLY (V)
0
5
10
15
20
25
5
VOUT = HIGH
85°C
25°C
-40°C
1.8
2.44
3.08
3.72
4.36
5.0
5
6
7
8
9
10
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
85°C
LMV7271
www.ti.com
SNOSA56H – FEBRUARY 2003 – REVISED FEBRUARY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(TA = 25°C, Unless otherwise specified).
Supply Current
Supply Current
vs.
vs.
Supply Voltage (LMV7271)
Supply Voltage (LMV7272)
Figure 8.
Figure 9.
Supply Current
Output Positive Swing
vs.
vs.
Supply Voltage (LMV7272)
VSUPPLY
Figure 10.
Figure 11.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV7271


Similar Part No. - LMV7271MGX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7271MGX NSC-LMV7271MGX Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7271MGX NSC-LMV7271MGX Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7271MGX TI1-LMV7271MGX Datasheet
1Mb / 35P
[Old version datasheet]   Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
More results

Similar Description - LMV7271MGX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
   Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
Texas Instruments
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
[Old version datasheet]   Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
STMicroelectronics
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com