Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11L2MS Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # H11L2MS
Description  6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11L2MS Datasheet(HTML) 5 Page - Fairchild Semiconductor

  H11L2MS Datasheet HTML 1Page - Fairchild Semiconductor H11L2MS Datasheet HTML 2Page - Fairchild Semiconductor H11L2MS Datasheet HTML 3Page - Fairchild Semiconductor H11L2MS Datasheet HTML 4Page - Fairchild Semiconductor H11L2MS Datasheet HTML 5Page - Fairchild Semiconductor H11L2MS Datasheet HTML 6Page - Fairchild Semiconductor H11L2MS Datasheet HTML 7Page - Fairchild Semiconductor H11L2MS Datasheet HTML 8Page - Fairchild Semiconductor H11L2MS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3/24/03
Page 5 of 9
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP
OPTOISOLATORS LOGIC OUTPUT
H11L1M
H11L2M
H11L3M
Figure 6. Supply Current vs. Supply Voltage
Figure 7. LED Forward Voltage vs. Forward Current
V
CC - SUPPLY VOLTAGE (V)
02468
10
12
14
16
0
1
2
3
4
5
6
I
F = 5mA
T
A = 0
25
70
°C
°C
°C
I
F = 0mA
T
A = 0
70
25
IF - LED FORWARD CURRENT (mA)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25°C
TA = 55°C
TA = 100°C
°C
°C
°C
TYPICAL PERFORMANCE CURVES


Similar Part No. - H11L2MS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L2M FAIRCHILD-H11L2M Datasheet
516Kb / 9P
   OPTOISOLATORS LOGIC OUTPUT
H11L2M FAIRCHILD-H11L2M Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
H11L2M FAIRCHILD-H11L2M Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
CT Micro International ...
H11L2M CTMICRO-H11L2M Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
logo
ON Semiconductor
H11L2M ONSEMI-H11L2M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
More results

Similar Description - H11L2MS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MOC5007 MOTOROLA-MOC5007 Datasheet
292Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
QT Optoelectronics
H11L1D QT-H11L1D Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com