Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV7275MGX Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV7275MGX
Description  Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7275MGX Datasheet(HTML) 3 Page - Texas Instruments

  LMV7275MGX Datasheet HTML 1Page - Texas Instruments LMV7275MGX Datasheet HTML 2Page - Texas Instruments LMV7275MGX Datasheet HTML 3Page - Texas Instruments LMV7275MGX Datasheet HTML 4Page - Texas Instruments LMV7275MGX Datasheet HTML 5Page - Texas Instruments LMV7275MGX Datasheet HTML 6Page - Texas Instruments LMV7275MGX Datasheet HTML 7Page - Texas Instruments LMV7275MGX Datasheet HTML 8Page - Texas Instruments LMV7275MGX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LMV7271
www.ti.com
SNOSA56H – FEBRUARY 2003 – REVISED FEBRUARY 2013
1.8V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 1.8V, V= 0V. Boldface limits apply at the temperature
extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(1)
(2)
(1)
Sourcing, VO = 0.9V
3.5
6
(LMV7271/LMV7272 only)
ISC
Output Short Circuit Current
mA
Sinking, VO = 0.9V
4
6
IO = 0.5mA
1.7
1.74
Output Voltage High
VOH
V
(LMV7271/LMV7272 only)
IO = 1.5mA
1.47
1.63
IO = −0.5mA
52
100
VOL
Output Voltage Low
mV
IO = −1.5mA
166
220
1.9
V
VCM
Input Common Mode Voltage Range
CMRR > 45 dB
−0.1
V
CMRR
Common Mode Rejection Ratio
0 < VCM < 1.8V
46
78
dB
PSRR
Power Supply Rejection Ratio
V+ = 1.8V to 5V
55
80
dB
ILEAKAGE
Output Leakage Current
VO = 1.8V (LMV7275 only)
2
pA
1.8V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 1.8V, V= 0V, V
CM = 0.5V, VO = V
+/2 and R
L > 1MΩ to
V
. Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(1)
(2)
(1)
Input Overdrive = 20mV
880
ns
Load = 50pF//5k
Propagation Delay
tPHL
(High to Low)
Input Overdrive = 50mV
570
ns
Load = 50pF//5k
Input Overdrive = 20mV
1100
ns
Load = 50pF//5k
Propagation Delay
tPLH
(Low to High)
Input Overdrive = 50mV
800
ns
Load = 50pF//5k
(1)
Machine Model, 0
Ω in series with 200pF.
(2)
All limits are guaranteed by testing or statistical analysis.
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 2.7V, V= 0V. Boldface limits apply at the temperature
extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
0.3
4
VOS
Input Offset Voltage
mV
6
TC VOS
Input Offset Temperature Drift
VCM = 1.35V
(3)
20
µV/°C
IB
Input Bias Current
10
nA
IOS
Input offset Current
200
pA
9
13
LMV7271/LMV7275
µA
15
IS
Supply Current
18
25
µA
LMV7272
28
Sourcing, VO = 1.35V
10
15
(LMV7271/LMV7272 only)
ISC
Output Short Circuit Current
mA
Sinking, VO = 1.35V
10
15
(1)
Machine Model, 0
Ω in series with 200pF.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Offset Voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV7271


Similar Part No. - LMV7275MGX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7275MGX NSC-LMV7275MGX Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7275MGX NSC-LMV7275MGX Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7275MGX TI1-LMV7275MGX Datasheet
1Mb / 35P
[Old version datasheet]   Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
More results

Similar Description - LMV7275MGX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
   Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
Texas Instruments
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
[Old version datasheet]   Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
STMicroelectronics
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com