Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK305G Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LNK305G
Description  LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK305G Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LNK305G Datasheet HTML 1Page - Power Integrations, Inc. LNK305G Datasheet HTML 2Page - Power Integrations, Inc. LNK305G Datasheet HTML 3Page - Power Integrations, Inc. LNK305G Datasheet HTML 4Page - Power Integrations, Inc. LNK305G Datasheet HTML 5Page - Power Integrations, Inc. LNK305G Datasheet HTML 6Page - Power Integrations, Inc. LNK305G Datasheet HTML 7Page - Power Integrations, Inc. LNK305G Datasheet HTML 8Page - Power Integrations, Inc. LNK305G Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2-4
Rev. I 11/08
4
LNK302/304-306
Figure 5. Universal Input, 12 V, 120 mA Constant Voltage Power Supply Using LinkSwitch-TN.
power MOSFET is turned off for the remainder of that cycle.
The leading edge blanking circuit inhibits the current limit
comparator for a short time (t
LEB) after the power MOSFET
is turned on. This leading edge blanking time has been set so
that current spikes caused by capacitance and rectifier reverse
recovery time will not cause premature termination of the
switching pulse.
Auto-Restart (LNK304-306 only)
In the event of a fault condition such as output overload, output
short, or an open loop condition, LinkSwitch-TN enters into auto-
restart operation. An internal counter clocked by the oscillator
gets reset every time the FB pin is pulled high. If the FB pin
is not pulled high for 50 ms, the power MOSFET switching is
disabled for 800 ms. The auto-restart alternately enables and
disables the switching of the power MOSFET until the fault
condition is removed.
Applications Example
A 1.44 W Universal Input Buck Converter
The circuit shown in Figure 5 is a typical implementation of a
Figure 4. Frequency Jitter.
RTN
12 V,
120 mA
85-265
VAC
PI-3757-112103
FB
BP
S
D
LinkSwitch-TN
C4
4.7
μF
400 V
C1
100 nF
D4
1N4007
D3
1N4007
D1
UF4005
LNK304
D2
1N4005GP
C2
100
μF
16 V
RF1
8.2
Ω
2 W
R1
13.0 k
Ω
1%
R3
2.05 k
Ω
1%
L2
1 mH
L1
1 mH
280 mA
C5
4.7
μF
400 V
C3
10
μF
35 V
R4
3.3 k
Ω
12 V, 120 mA non-isolated power supply used in appliance
control such as rice cookers, dishwashers or other white goods.
This circuit may also be applicable to other applications such
as night-lights, LED drivers, electricity meters, and residential
heating controllers, where a non-isolated supply is acceptable.
The input stage comprises fusible resistor RF1, diodes D3 and
D4, capacitors C4 and C5, and inductor L2. Resistor RF1 is
a flame proof, fusible, wire wound resistor. It accomplishes
several functions: a) Inrush current limitation to safe levels for
rectifiers D3 and D4; b) Differential mode noise attenuation;
c) Input fuse should any other component fail short-circuit
(component fails safely open-circuit without emitting smoke,
fire or incandescent material).
The power processing stage is formed by the LinkSwitch-TN,
freewheeling diode D1, output choke L1, and the output
capacitor C2. The LNK304 was selected such that the power
supply operates in the mostly discontinuous-mode (MDCM).
Diode D1 is an ultra-fast diode with a reverse recovery time (t
rr)
of approximately 75 ns, acceptable for MDCM operation. For
continuous conduction mode (CCM) designs, a diode with a t
rr of
≤35 ns is recommended. Inductor L1 is a standard off-the- shelf
inductor with appropriate RMS current rating (and acceptable
temperature rise). Capacitor C2 is the output filter capacitor;
its primary function is to limit the output voltage ripple. The
output voltage ripple is a stronger function of the ESR of the
output capacitor than the value of the capacitor itself.
To a first order, the forward voltage drops of D1 and D2 are
identical. Therefore, the voltage across C3 tracks the output
voltage.The voltage developed across C3 is sensed and regulated
via the resistor divider R1 and R3 connected to U1’s FB pin.
The values of R1 and R3 are selected such that, at the desired
output voltage, the voltage at the FB pin is 1.65 V.
Regulation is maintained by skipping switching cycles. As the
output voltage rises, the current into the FB pin will rise. If
this exceeds I
FB then subsequent cycles will be skipped until the
current reduces below I
FB. Thus, as the output load is reduced,
more cycles will be skipped and if the load increases, fewer
600
020
68 kHz
64 kHz
V
DRAIN
Time (
μs)
500
400
300
200
100
0


Similar Part No. - LNK305G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK305G POWERINT-LNK305G Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK305G POWERINT-LNK305G Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK305G POWERINT-LNK305G Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305G POWERINT-LNK305G Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK305G-TL POWERINT-LNK305G-TL Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results

Similar Description - LNK305G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com