Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP7N60C3 Datasheet(PDF) 3 Page - Harris Corporation

Part # HGTP7N60C3
Description  14A, 600V, UFS Series N-Channel IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HGTP7N60C3 Datasheet(HTML) 3 Page - Harris Corporation

  HGTP7N60C3 Datasheet HTML 1Page - Harris Corporation HGTP7N60C3 Datasheet HTML 2Page - Harris Corporation HGTP7N60C3 Datasheet HTML 3Page - Harris Corporation HGTP7N60C3 Datasheet HTML 4Page - Harris Corporation HGTP7N60C3 Datasheet HTML 5Page - Harris Corporation HGTP7N60C3 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3-18
Typical Performance Curves
FIGURE 1. TRANSFER CHARACTERISTICS
FIGURE 2. SATURATION CHARACTERISTICS
FIGURE 3. COLLECTOR-EMITTER ON - STATE VOLTAGE
FIGURE 4. COLLECTOR-EMITTER ON - STATE VOLTAGE
FIGURE 5. MAXIMUM DC COLLECTOR CURRENT AS A
FUNCTION OF CASE TEMPERATURE
FIGURE 6. SHORT CIRCUIT WITHSTAND TIME
VGE, GATE-TO-EMITTER VOLTAGE (V)
46
8
10
12
0
5
10
20
25
30
35
14
15
40
TC = 150
oC
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%, VCE = 10V
TC = 25
oC
TC = -40
oC
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
PULSE DURATION = 250
µs, DUTY CYCLE <0.5%, TC = 25oC
0
02
4
6
8
10
5
10
15
12.0V
8.5V
9.0V
8.0V
7.5V
7.0V
VGE = 15.0V
20
25
30
35
40
10.0V
0
15
0
123
4
5
20
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
TC = 150
oC
TC = 25
oC
TC = -40
oC
5
10
25
35
40
30
DUTY CYCLE <0.5%, VGE = 10V
PULSE DURATION = 250
µs
0
15
01
2
3
4
5
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
TC = 25
oC
TC = -40
oC
TC = 150
oC
DUTY CYCLE <0.5%, VGE = 15V
PULSE DURATION = 250
µs
5
10
20
25
30
35
40
25
50
75
100
125
150
0
3
6
9
12
15
TC, CASE TEMPERATURE (
oC)
VGE = 15V
60
80
120
10
11
12
VGE, GATE-TO-EMITTER VOLTAGE (V)
14
15
13
140
100
40
ISC
tSC
10
12
VCE = 360V, RGE = 50Ω, TJ = 125
oC
4
6
8
2
HGTD7N60C3, HGTD7N60C3S, HGTP7N60C3


Similar Part No. - HGTP7N60C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP7N60C3 INTERSIL-HGTP7N60C3 Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTP7N60C3 FAIRCHILD-HGTP7N60C3 Datasheet
166Kb / 8P
   14A, 600V, UFS Series N-Channel IGBTs
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
547Kb / 9P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
More results

Similar Description - HGTP7N60C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60B3S INTERSIL-HGTD7N60B3S Datasheet
92Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD7N60C3S FAIRCHILD-HGTD7N60C3S Datasheet
166Kb / 8P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTP7N60B3D INTERSIL-HGTP7N60B3D Datasheet
94Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com