Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK304D Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # LNK304D
Description  LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK304D Datasheet(HTML) 1 Page - Power Integrations, Inc.

  LNK304D Datasheet HTML 1Page - Power Integrations, Inc. LNK304D Datasheet HTML 2Page - Power Integrations, Inc. LNK304D Datasheet HTML 3Page - Power Integrations, Inc. LNK304D Datasheet HTML 4Page - Power Integrations, Inc. LNK304D Datasheet HTML 5Page - Power Integrations, Inc. LNK304D Datasheet HTML 6Page - Power Integrations, Inc. LNK304D Datasheet HTML 7Page - Power Integrations, Inc. LNK304D Datasheet HTML 8Page - Power Integrations, Inc. LNK304D Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Table 1. Output Current Table.
Notes:
1. Typical output current in a non-isolated buck converter. Output power
capability depends on respective output voltage. See Key Applications
Considerations Section for complete description of assumptions,
including fully discontinuous conduction mode (DCM) operation.
2. Mostly discontinuous conduction mode.
3. Continuous conduction mode.
4. Packages: P: DIP-8B, G: SMD-8B, D: SO-8C.
LNK302/304-306
LinkSwitch-TN Family
Lowest Component Count, Energy-Efficient
Off-Line Switcher IC
Figure 1. Typical Buck Converter Application (See Application
Examples Section for Other Circuit Configurations).
Product Highlights
Cost Effective Linear/Cap Dropper Replacement
Lowest cost and component count buck converter solution
Fully integrated auto-restart for short-circuit and open
loop fault protection – saves external component costs
LNK302 uses a simplified controller without auto-restart
for very low system cost
66 kHz operation with accurate current limit – allows low cost
off-the-shelf 1 mH inductor for up to 120 mA output current
Tight tolerances and negligible temperature variation
High breakdown voltage of 700 V provides excellent
input surge withstand
Frequency jittering dramatically reduces EMI (~10 dB)
– minimizes EMI filter cost
High thermal shutdown temperature (+135
°C minimum)
Much Higher Performance over Discrete Buck and
Passive Solutions
Supports buck, buck-boost and flyback topologies
System level thermal overload, output short-circuit and
open control loop protection
Excellent line and load regulation even with typical
configuration
High bandwidth provides fast turn-on with no overshoot
Current limit operation rejects line ripple
Universal input voltage range (85 VAC to 265 VAC)
Built-in current limit and hysteretic thermal protection
Higher efficiency than passive solutions
Higher power factor than capacitor-fed solutions
Entirely manufacturable in SMD
EcoSmart®– Extremely Energy Efficient
Consumes typically only 50/80 mW in self-powered buck
topology at 115/230 VAC input with no load (opto feedback)
Consumes typically only 7/12 mW in flyback topology
with external bias at 115/230 VAC input with no load
Meets California Energy Commission (CEC), Energy
Star, and EU requirements
Applications
Appliances and timers
LED drivers and industrial controls
Description
LinkSwitch-TN is specifically designed to replace all linear and
capacitor-fed (cap dropper) non-isolated power supplies in the
under 360 mA output current range at equal system cost while
offering much higher performance and energy efficiency.
®
LinkSwitch-TN devices integrate a 700 V power MOSFET,
oscillator, simple On/Off control scheme, a high voltage switched
current source, frequency jittering, cycle-by-cycle current limit
and thermal shutdown circuitry onto a monolithic IC. The start-
up and operating power are derived directly from the voltage
on the DRAIN pin, eliminating the need for a bias supply and
associated circuitry in buck or flyback converters. The fully
integrated auto-restart circuit in the LNK304-306 safely limits
output power during fault conditions such as short-circuit or
open loop, reducing component count and system-level load
protection cost. A local supply provided by the IC allows use
of a non-safety graded optocoupler acting as a level shifter to
further enhance line and load regulation performance in buck
and buck-boost converters, if required.
November 2008
OUTPUT CURRENT TABLE1
PRODUCT4
230 VAC ±15%
85-265 VAC
MDCM2
CCM3
MDCM2
CCM3
LNK302P/G/D
63 mA
80 mA
63 mA
80 mA
LNK304P/G/D 120 mA
170 mA
120 mA 170 mA
LNK305P/G/D 175 mA
280 mA
175 mA 280 mA
LNK306P/G/D 225 mA
360 mA
225 mA 360 mA
DC
Output
Wide Range
HV DC Input
PI-3492-111903
+
+
FB
BP
S
D
LinkSwitch-TN


Similar Part No. - LNK304D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK304D POWERINT-LNK304D Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK304D POWERINT-LNK304D Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304D POWERINT-LNK304D Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK304DG POWERINT-LNK304DG Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DG POWERINT-LNK304DG Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results

Similar Description - LNK304D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com