Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK501P Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LNK501P
Description  LinkSwitch Family Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK501P Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button LNK501P Datasheet HTML 2Page - Power Integrations, Inc. LNK501P Datasheet HTML 3Page - Power Integrations, Inc. LNK501P Datasheet HTML 4Page - Power Integrations, Inc. LNK501P Datasheet HTML 5Page - Power Integrations, Inc. LNK501P Datasheet HTML 6Page - Power Integrations, Inc. LNK501P Datasheet HTML 7Page - Power Integrations, Inc. LNK501P Datasheet HTML 8Page - Power Integrations, Inc. LNK501P Datasheet HTML 9Page - Power Integrations, Inc. LNK501P Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6 I2/05
LNK501
However, in laboratory bench tests, it is often more convenient
to test the power supply output characteristic starting from a
low output current and gradually increasing the load. In this
case,theoptocouplerfeedbackregulatestheoutputvoltageuntil
the peak output power curve is reached as shown in Figure 8.
Under these conditions, the output current will continue to rise
until the peak power point is reached and the optocoupler turns
off. Once the optocoupler is off, the CONTROL pin feedback
current is determined only by R1 and R3 and the output current
therefore folds back to the inherent CC characteristic as shown.
Since this type of load transition does not normally occur in a
batterycharger,theoutputcurrentneverovershootstheinherent
constant current value in the actual application.
In some applications it may be necessary to avoid any output
currentovershoot,independentofthedirectionof loadvariation.
To achieve this goal, the minimum voltage feedback threshold
should be set at V
O(MAX). This will ensure that the voltage at the
CC to CV transition point of the inherent characteristic will
alwaysoccurbelowthevoltagefeedbackthreshold.However,the
outputvoltagetoleranceisthenincreased,sincetheinherentCV
characteristic tolerance below V
O(MAX) is added to the tolerance
of the optocoupler feedback circuit.
Applications Example
The circuit shown in Figure 9 shows a typical implementation
of an approximate constant voltage / constant current (CV/CC)
charger using LinkSwitch. This design delivers 2.75 W with
a nominal peak power point voltage of 5.5 V and a current of
500 mA. Efficiency is greater than 70% over an input range
of 85 VAC to 265 VAC.
The bridge rectifier, BR1, rectifies the AC input. Resistor RF1
is a fusible type providing protection from primary side short
circuits. The rectified AC is smoothed by C1 and C2 with
inductor L1 forming a pi-filter in conjunction with C1 and C2
to filter conducted EMI. The switching frequency of 42 kHz
allows such a simple EMI filter to be used without the need for
a Y capacitor while still meeting international EMI standards.
When power is applied, high voltage DC appears at the DRAIN
pin of LinkSwitch (U1). The CONTROL pin capacitor C3 is
then charged through a switched high voltage current source
connected internally between the DRAIN and CONTROL pins.
When the CONTROL pin reaches approximately 5.6 V relative
to theSOURCEpin,the internalcurrent source is turned off. The
internalcontrolcircuitryisactivatedandthehighvoltageMOSFET
starts to switch, using the energy in C3 to power the IC.
When the MOSFETis on, the high voltage DC bus is connected
to one end of the transformer primary, the other end being
connected to primary return. As the current ramps in the
primary of flyback transformer T1, energy is stored. This
energy is delivered to the output when the MOSFET turns off
each switching cycle.
The secondary of the transformer is rectified and filtered by D6
and C5 to provide the DC output to the load.
LinkSwitch
dramatically simplifies the secondary side by
controllingboththeconstantvoltageandconstantcurrentregions
entirely from the primary side. This is achieved by monitoring
the primary-side V
OR (voltage output reflected).
Diode D5 and capacitor C4 form the primary clamp network.
Thisbothlimitsthepeakdrainvoltageduetoleakageinductance
and provides a voltage across C4, which is equal to the V
OR plus
an error due to the parasitic leakage inductance. Resistor R2
filters the leakage inductance spike and reduces the error in the
valueoftheV
OR. Resistor R1 converts this voltage into a current
that is fed into the CONTROL pin to regulate the output.
During CV operation the output is regulated through control of
the duty cycle. As the current into the CONTROL pin exceeds
approximately 2 mA, the duty cycle begins to reduce, reaching
30% at a CONTROL pin current of 2.3 mA.
Under light or no-load conditions, when the duty cycle reaches
approximately 4%, the switching frequency is reduced to lower
energy consumption.
If the output load is increased beyond the peak power point
(defined by 0.5·L
P·ILIM
2
·f), the output voltage and V
OR falls.
The reduced CONTROL pin current will lower the internal
LinkSwitch
current limit (current limit control) providing an
approximately constant current output characteristic. If the
load is increased and the CONTROL pin current falls below
approximately 1 mA, the CONTROL pin capacitor C3 will
discharge and the supply enters auto-restart.
Current limit control removes the need for any secondary side
current sensing components (sense resistor, transistor, opto
coupler and associated components). Removing the secondary
sense circuit dramatically improves efficiency, giving the
associated benefit of reduced enclosure size.
Key Application Considerations
Design Output Power
Table 1 (front page) shows the maximum continuous output
power that can be obtained under the following conditions:
1. The minimum DC input bus voltage is 90 V or higher.
This corresponds to a filter capacitor of 3 µF/W for
universal input and 1 µF/W for 230 VAC or 115 VAC
input with doubler input stage.
2. Design is a discontinuous mode flyback converter, with
nominal primary inductance value and a V
OR in the range
40 V to 60 V. Continuous mode designs can result in loop
instability and are therefore not recommended.


Similar Part No. - LNK501P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK501P POWERINT-LNK501P Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501P POWERINT-LNK501P Datasheet
419Kb / 23P
   2.2W Cell Phone Charger
LNK501P POWERINT-LNK501P_1 Datasheet
419Kb / 23P
   2.2W Cell Phone Charger
More results

Similar Description - LNK501P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
LNK500 POWERINT-LNK500 Datasheet
505Kb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK520 POWERINT-LNK520 Datasheet
847Kb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK500GN POWERINT-LNK500GN Datasheet
835Kb / 10P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com