Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY264GN-TL Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TNY264GN-TL
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264GN-TL Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TNY264GN-TL Datasheet HTML 3Page - Power Integrations, Inc. TNY264GN-TL Datasheet HTML 4Page - Power Integrations, Inc. TNY264GN-TL Datasheet HTML 5Page - Power Integrations, Inc. TNY264GN-TL Datasheet HTML 6Page - Power Integrations, Inc. TNY264GN-TL Datasheet HTML 7Page - Power Integrations, Inc. TNY264GN-TL Datasheet HTML 8Page - Power Integrations, Inc. TNY264GN-TL Datasheet HTML 9Page - Power Integrations, Inc. TNY264GN-TL Datasheet HTML 10Page - Power Integrations, Inc. TNY264GN-TL Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Rev. H 02/09
7
TNY263-268
www.powerint.com
Figure 14. 2.5 W Constant Voltage, Constant Current Battery Charger with Universal Input (85-265 VAC).
PI-2706-021809
+ 5 V
500 mA
RTN
D1
1N4005
C1
3.3
μF
400 V
Fusible
RF1
8.2
Ω
C3
0.1
μF
C7
10
μF
10 V
85-265
VAC
L1
2.2 mH
D2
1N4005
D3
1N4005
D4
1N4005
R2
200 k
Ω
U2
LTV817
D5
1N5819
Shield
L2
3.3
μH
C5
330
μF
16 V
C2
3.3
μF
400 V
C6
100
μF
35 V
R7
100
Ω
R4
1.2
Ω
1/2 W
Q1
2N3904
R8
270
Ω
VR1
BZX79-
B3V9
3.9 V
U1
TNY264
C3
2.2 nF
D6
1N4937
R6
1
Ω
1/2 W
T1
R1
1.2 k
Ω
1
8
4
5
R3
22
Ω
R9
47
Ω
C8 680 pF
Y1 Safety
TinySwitch-II
D
S
BP
EN/UV
reducing the no-load power consumption and improving full-
load efficiency.
Current Limit Operation
Each switching cycle is terminated when the DRAIN current
reaches the current limit of the TinySwitch-II. Current limit
operation provides good line ripple rejection and relatively
constant power delivery independent of input voltage.
BYPASS Pin Capacitor
The BYPASS pin uses a small 0.1
μF ceramic capacitor for
decoupling the internal power supply of the TinySwitch-II.
Application Examples
The TinySwitch-II is ideal for low cost, high efficiency power
supplies in a wide range of applications such as cellular phone
chargers, PC standby, TV standby, AC adapters, motor
control, appliance control and ISDN or a DSL network
termination. The 132 kHz operation allows the use of a low
cost EE13 or EF12.6 core transformer while still providing good
efficiency. The frequency jitter in TinySwitch-II makes it
possible to use a single inductor (or two small resistors for
under 3 W applications if lower efficiency is acceptable) in
conjunction with two input capacitors for input EMI filtering.
The auto-restart function removes the need to oversize the
output diode for short circuit conditions allowing the design to
be optimized for low cost and maximum efficiency. In charger
applications, it eliminates the need for a second optocoupler
and Zener diode for open loop fault protection. Auto-restart
also saves the cost of adding a fuse or increasing the power
rating of the current sense resistors to survive reverse battery
conditions. For applications requiring undervoltage lock out
(UVLO), such as PC standby, the TinySwitch-II eliminates
several components and saves cost. TinySwitch-II is well
suited for applications that require constant voltage and
constant current output. As TinySwitch-II is always powered
from the input high voltage, it therefore does not rely on bias
winding voltage. Consequently this greatly simplifies designing
chargers that must work down to zero volts on the output.
2.5 W CV/CC Cell-Phone Charger
As an example, Figure 14 shows a TNY264 based 5 V,
0.5 A, cellular phone charger operating over a universal input
range (85 VAC to 265 VAC). The inductor (L1) forms a π-filter
in conjunction with C1 and C2. The resistor R1 damps
resonances in the inductor L1. Frequency jittering operation of
TinySwitch-II allows the use of a simple π-filter described
above in combination with a single low value Y1-capacitor (C8)
to meet worldwide conducted EMI standards. The addition of
a shield winding in the transformer allows conducted EMI to be
met even with the output capacitively earthed (which is the
worst case condition for EMI). The diode D6, capacitor C3
and resistor R2 comprise the clamp circuit, limiting the leakage
inductance turn-off voltage spike on the TinySwitch-II DRAIN
pin to a safe value. The output voltage is determined by the
sum of the optocoupler U2 LED forward drop (~1 V), and Zener
diode VR1 voltage. Resistor R8 maintains a bias current
through the Zener diode to ensure it is operated close to the
Zener test current.


Similar Part No. - TNY264GN-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264GN-TL POWERINT-TNY264GN-TL Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264GN-TL POWERINT-TNY264GN-TL Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY264GN-TL POWERINT-TNY264GN-TL Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results

Similar Description - TNY264GN-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com